MH16TCD-R
AI

The **MH16TCD-R** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** (specifically a shielded power choke). These components are essential in power management circuits for high-frequency DC-DC conversion.
---
### 1. Key Technical Specifications
Below are the general characteristics typically associated with the MH16TCD series:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance Range** | Varies by sub-model (typically 1.0µH to 47µH) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Composite Iron Powder / Ferrite |
| **Shielding** | Magnetic Shielded Construction |
---
### 2. Functional Breakdown
The "MH16" designation usually refers to the physical size (footprint), while the "TCD-R" suffix indicates specific packaging and performance traits.
* **Magnetic Shielding:** The "CD" or shielded designation means the inductor is encased in a magnetic material. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB.
* **Low DCR (DC Resistance):** These parts are engineered to have very low internal resistance to minimize power loss as heat, improving the efficiency of the power supply.
* **High Saturation Current:** The "R" often signifies high reliability or specific RoHS compliance. It is designed to handle high peak currents without the magnetic core "saturating" (losing its inductive properties).
---
### 3. Common Applications
These parts are found in modern electronics that require compact, efficient power regulation:
1. **Consumer Electronics:** Smartphones, tablets, and laptops.
2. **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators.
3. **Graphic Cards (GPUs):** Used in the Voltage Regulator Modules (VRMs) to provide stable power to high-performance chips.
4. **LED Drivers:** Providing steady current for high-brightness lighting systems.
---
### 4. Circuit Symbol and Implementation
In a schematic, this part is represented by the standard inductor symbol, often with two parallel lines above it to indicate a ferrite/iron core.
```markdown
L1 (MH16TCD-R)
----(uuu)----
| |
Vin Vout
```
---
- ⤷
What are the exact dimensions of the MH16 footprint?
- ⤷ What is the maximum saturation current for the MH16TCD-R?
- ⤷ Can this inductor be used in automotive applications?