Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MH24FDD-R

  • AI
    The **MH24FDD-R** is a specific electronic component typically identified as a **high-frequency microwave sensor module** or a **Doppler radar sensor**. These modules are commonly used for motion detection, speed measurement, and proximity sensing. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics associated with this type of radar module: | Parameter | Specification (Typical) | | :--- | :--- | | **Operating Frequency** | 24.00 GHz to 24.25 GHz (K-Band) | | **Operating Voltage** | 5V DC (± 0.25V) | | **Output Type** | Digital High/Low or Analog Signal | | **Detection Range** | 2 to 20 meters (Adjustable) | | **Current Consumption** | 30mA - 45mA | | **Antenna Type** | Patch Antenna (Flat Integrated) | --- ### 2. Core Electronic Components The module is composed of several critical internal parts that allow it to function: #### A. Microwave Oscillator (VCO/DRO) The heart of the module is a high-frequency oscillator that generates the 24GHz signal. Because this frequency is very high, it requires precise semiconductor materials (like Gallium Arsenide - GaAs) to maintain stability. #### B. Patch Antenna Array Instead of a wire antenna, the MH24FDD-R uses a "Patch Antenna" printed directly onto the PCB. - **Transmitter (TX):** Sends out the microwave signal. - **Receiver (RX):** Captures the signal reflected back from objects. #### C. Mixer Circuit The mixer combines the transmitted frequency with the received frequency. If an object is moving, the frequencies differ slightly (the **Doppler Effect**). The mixer outputs this difference as a low-frequency signal. #### D. Signal Processor / Op-Amp Because the raw signal from the mixer is very weak, the module includes an operational amplifier (Op-Amp) to boost the signal. It may also include a comparator to convert the movement into a simple "High" or "Low" digital pulse for a microcontroller. --- ### 3. Pinout Configuration Most variants of this module feature a standard 3-pin or 5-pin interface: 1. **VCC:** Power Supply (5V). 2. **GND:** Ground. 3. **OUT/OUT1:** Signal output (Triggered when motion is detected). 4. **V-ADJ (Optional):** Sensitivity adjustment via an external resistor or potentiometer. --- ### 4. Comparison: Radar vs. PIR | Feature | MH24FDD-R (Radar) | PIR Sensor | | :--- | :--- | :--- | | **Detection Method** | Microwave Reflection | Infrared Heat | | **Obstacle Penetration** | Can penetrate glass/thin walls | Blocked by glass/walls | | **Environmental Sensitivity** | Resistant to heat/wind | Affected by hot air/sunlight | | **Accuracy** | Very High (Detects tiny movements) | Low/Moderate |
    ✨ Follow-up Questions
    • ⤷ How do I interface the MH24FDD-R with an Arduino?
    • ⤷ What is the maximum penetration depth of 24GHz radar through drywall?
    • ⤷ How can I adjust the sensitivity range of this specific module?