Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MH31TCG-R

  • AI
    The **MH31TCG-R** is a specific electronic component typically identified as a **Micro-Switch** or **Limit Switch**, often utilized in industrial control systems, automotive mechanisms, or household appliances. Below is a detailed breakdown of its electronic parts and characteristics. --- ## 1. Internal Components and Construction A micro-switch like the MH31TCG-R consists of several critical internal parts that work together to facilitate high-speed switching. | Component | Material/Function | Description | | :--- | :--- | :--- | | **Actuator** | Thermoplastic or Metal | The external part (button or lever) that receives the physical force. | | **Contacts** | Silver Alloy / Gold Plated | The conductive points that open or close the circuit. | | **Snap-Action Spring** | Beryllium Copper | Provides the "snap" mechanism to ensure rapid switching regardless of actuation speed. | | **Housing** | PBT or Phenolic Resin | The outer shell that provides electrical insulation and heat resistance. | | **Terminals** | Brass (Solder or Quick-connect) | The external pins used to connect the switch to a PCB or wiring harness. | --- ## 2. Technical Specifications While specific data can vary by manufacturer (often associated with brands like Omron or Honeywell clones), the "MH" series generally follows these parameters: ### Electrical Ratings * **Voltage:** Usually rated for 125V AC to 250V AC. * **Current (Amperage):** Typically ranges from 3A to 16A depending on the specific sub-model. * **Contact Resistance:** $< 50m\Omega$ (initial). ### Mechanical Properties * **Operating Force (OF):** The amount of pressure required to trigger the switch. * **Release Force (RF):** The force required for the spring to return the actuator to its home position. * **Durability:** Usually rated for 100,000 to 1,000,000 cycles. --- ## 3. Circuit Configuration The MH31TCG-R usually follows a **SPDT (Single Pole Double Throw)** configuration. This means it has three terminals: 1. **COM (Common):** The input power source. 2. **NC (Normally Closed):** The circuit is active when the button is *not* pressed. 3. **NO (Normally Open):** The circuit becomes active only *when* the button is pressed. ```mermaid graph LR A[Common] --- B(Normally Closed) A -.-> C(Normally Open) ``` --- ## 4. Common Applications * **Safety Interlocks:** Ensuring a microwave door is shut before operation. * **Limit Sensing:** Detecting when a 3D printer head has reached its maximum "Home" position. * **Industrial Joysticks:** Converting physical movement into digital "On/Off" signals. * **Automotive:** Detecting seatbelt engagement or door latching.
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the MH31TCG-R model?
    • ⤷ How do I wire the COM and NO terminals for a basic LED circuit?
    • ⤷ What are the physical dimensions or mounting hole spacing for this switch?