MH42FDG-R
AI

The **MH42FDG-R** is a specific electronic component primarily identified as a **Photocoupler (Optocoupler)** manufactured by Mitsubishi Electric. It is designed for signal isolation in power electronic circuits, specifically for driving Intelligent Power Modules (IPMs).
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics of the device:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Optocoupler / Photocoupler |
| **Circuit Type** | High-speed logic output (Active Low) |
| **Isolation Voltage** | 2500 Vrms (Minimum) |
| **Data Rate** | High speed (typically up to 1 Mbps or higher for gate driving) |
| **Package Style** | 8-pin DIP (Dual In-line Package) or Surface Mount variant |
| **Application** | IPM (Intelligent Power Module) interface |
---
### 2. Internal Structure and Operation
The MH42FDG-R operates by converting an electrical signal into light and back into an electrical signal to ensure electrical isolation between the input and output.
1. **Input Side (Emitter):** Contains a Gallium Arsenide (GaAs) infrared LED. When current flows, it emits light.
2. **Output Side (Detector):** Contains a high-speed photodetector integrated with a signal processing circuit and an open-collector transistor.
3. **Isolation Barrier:** A transparent silicone or dielectric material prevents high voltage on the output side from damaging the low-voltage control circuitry on the input side.
---
### 3. Pin Configuration (Typical 8-Pin)
While you should always consult the specific datasheet for the suffix version, the standard layout is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | NC | No Connection |
| 2 | Anode | LED Input (+) |
| 3 | Cathode | LED Input (-) |
| 4 | NC | No Connection |
| 5 | GND | Ground (Output side) |
| 6 | $V_O$ | Output Signal |
| 7 | NC | No Connection |
| 8 | $V_{CC}$ | Supply Voltage (Output side) |
---
### 4. Common Applications
* **Inverter Air Conditioners:** Used to transmit PWM signals from the MCU to the compressor's power module.
* **Industrial Motor Drives:** Isolation between the control logic and high-voltage motor phases.
* **Switching Power Supplies:** Feedback loops where safety isolation is required.
---
### 5. Equivalent Replacement / Cross-Reference
If you are looking for replacements or troubleshooting, this part is often compared to or replaced by the **PS2501** (general purpose) or **HCPL-4504** (high speed), though the **MH42 series** is specifically optimized for Mitsubishi's own IPM hardware.
- ⤷
What are the specific voltage and current requirements for the LED input side?
- ⤷ Is there a direct equivalent from Broadcom or Toshiba for the MH42FDG-R?
- ⤷ How does the 'Active Low' output logic affect the circuit design?