Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MH45TDD-R

  • AI
    The **MH45TDD-R** is a specific model of a **Thermoelectric Cooler (TEC) / Peltier Module**. These devices are solid-state heat pumps that transfer heat from one side of the device to the other using the Peltier effect. --- ### 1. Technical Specifications Below are the typical technical parameters for the MH series (specifically the 45mm variant): | Feature | Specification (Typical) | | :--- | :--- | | **Material** | Bismuth Telluride ($Bi_2Te_3$) | | **Dimensions** | 45mm x 45mm | | **Max Temperature Difference ($\Delta T_{max}$)** | ~65°C to 70°C | | **Max Voltage ($V_{max}$)** | ~15.4V - 24V (Model dependent) | | **Max Current ($I_{max}$)** | ~6A - 10A | | **Cooling Power ($Q_{cmax}$)** | ~80W - 120W | | **Internal Resistance** | ~1.5 - 2.5 $\Omega$ | --- ### 2. Physical Construction The "MH" designation often refers to **Micro-Hybrid** or high-reliability builds, characterized by: * **Ceramic Plates:** Usually made of Alumina ($Al_2O_3$), providing electrical insulation and high thermal conductivity. * **Semiconductor Pellets:** P-type and N-type bismuth telluride pellets arranged in series electrically and in parallel thermally. * **Silicone Sealing:** The "R" in the suffix often indicates **Resin** or **RTV sealing** around the edges to prevent moisture ingress and oxidation of the internal components. --- ### 3. Electronic Operation Principles To operate the MH45TDD-R effectively, the following electronic considerations are required: 1. **DC Power Supply:** It must be powered by direct current (DC). AC will damage the device. A "Clean" DC with low ripple (<10%) is preferred for maximum efficiency. 2. **Polarity Reversal:** Reversing the polarity of the DC current will reverse the direction of heat flow (the hot side becomes cold and vice versa). 3. **PWM Control:** If using Pulse Width Modulation (PWM) to control temperature, a high frequency (above 1kHz) is recommended to avoid thermal cycling fatigue. 4. **Heat Sinking:** **Crucial.** You must never apply power to the module without a heatsink attached to the "hot" side. Without dissipation, the device will overheat and desolder its internal junctions within seconds. --- ### 4. Part Number Breakdown (General) * **MH:** Manufacturer series (often associated with high-performance industrial modules). * **45:** Refers to the footprint (45mm x 45mm). * **TDD:** High-density pellet configuration (Thin/Double/Density specific variants). * **R:** Sealant type (usually Moisture-proof Resin). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the MH45TDD-R?
    • ⤷ How do I calculate the required heatsink size for this Peltier module?
    • ⤷ Can this module be used for power generation via the Seebeck effect?