Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MH47FCG-R

  • AI
    The **MH47FCG-R** is a specific electronic component typically identified as a **High-Frequency/Microwave Coaxial Switch** or a specialized **RF Relay**. These components are critical in telecommunications and signal routing applications. --- ## 1. Component Overview The MH47 series is characterized by its ability to switch high-frequency signals with minimal loss. The "-R" suffix usually denotes **RoHS compliance** (Restriction of Hazardous Substances). ### Key Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Type** | SPDT (Single Pole Double Throw) | | **Frequency Range** | DC to 18GHz / 26.5GHz (Model dependent) | | **Impedance** | 50 Ohms | | **Actuator Voltage** | Usually 12V or 24V DC | | **Package Style** | Failsafe or Latching | --- ## 2. Core Internal Parts & Mechanism To understand how the MH47FCG-R functions, we can break down its internal electronic and mechanical parts: ### A. The Actuator (Solenoid) This is the "electronic" heart of the switch. It consists of: * **Coils:** Fine copper windings that generate a magnetic field when voltage is applied. * **Armature:** A moving metal piece triggered by the magnetic field to flip the switch position. ### B. RF Contacts Unlike standard light switches, these use specialized materials (often gold-plated) to ensure: * **Low Insertion Loss:** Minimal signal strength is lost as it passes through. * **High Isolation:** Prevents signal "leakage" into the port that is supposed to be "off." ### C. Housing (Shielding) The outer casing is typically made of aluminum or stainless steel. This acts as a **Faraday Cage**, protecting the internal signal from EMI (Electromagnetic Interference) and preventing the switch from radiating RF energy. --- ## 3. Terminal and Connection Layout The part typically features the following pins/connectors: 1. **RF Connectors:** (Usually SMA female) For the high-frequency input and output paths. 2. **DC Control Pins:** Solder pins or a D-sub connector used to provide power to the internal coils. 3. **Indicator Circuit (Optional):** Some models include extra pins to provide feedback to a logic circuit, confirming the switch has successfully moved. --- ## 4. Common Applications * **Automated Test Equipment (ATE):** Routing signals from a device under test to various measurement tools. * **Satellite Communications:** Switching between redundant amplifiers. * **Base Stations:** Directing cellular signals between different antennas. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Failsafe and Latching versions of this switch?
    • ⤷ What are the specific pinout diagrams for the MH47 series?
    • ⤷ How do I calculate the insertion loss for this component in a 50-ohm system?