Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MH47TCD-R

  • AI
    The **MH47TCD-R** is a high-performance **Optical Rotary Encoder** module typically manufactured by companies like *Hengstler* or used within industrial motion control systems. It is designed to convert mechanical rotation into digital electrical signals. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for the MH47 series: | Parameter | Specification | | :--- | :--- | | **Sensing Technology** | Optical (non-contact) | | **Output Type** | Incremental | | **Resolution** | Up to 10,000 pulses per revolution (PPR) | | **Supply Voltage** | 5V DC or 10-30V DC (depending on driver) | | **Output Driver** | RS422 (Differential Line Driver) or Push-Pull | | **Max Frequency** | 300 kHz | | **Protection Class** | IP64 / IP67 (Housing dependent) | --- ## 2. Key Electronic Components The MH47TCD-R functions through several critical sub-systems: ### A. The Optical Disc The "heart" of the unit. It is a glass or plastic disc with etched radial lines. As it rotates, it blocks and unblocks a light source to create pulses. ### B. LED Light Source & Photodetectors * **LED:** High-stability infrared or visible light source. * **Photodetectors:** An array of photodiodes that detect the light pulses and convert them into small analog currents. ### C. Signal Conditioning Circuitry This internal PCB performs three main tasks: 1. **Amplification:** Boosts the weak signals from the photodiodes. 2. **Digitization:** Uses a Schmitt Trigger to convert sine waves into clean square waves. 3. **Interpolation:** (In high-resolution models) Electronically multiplies the pulse count to increase precision. ### D. Line Driver (The "R" suffix) The **-R** in the part number often indicates a specific **Line Driver** output. This is a differential output (A, A-not, B, B-not, Z, Z-not) designed to: * Eliminate electromagnetic interference (EMI). * Allow for long cable runs without signal degradation. --- ## 3. Pinout Logic (Typical) While wire colors can vary, the standard electronic interface follows this logic: ```json { "Power": ["Vcc (Positive)", "0V (Ground)"], "Channel A": ["Phase A+", "Phase A-"], "Channel B": ["Phase B+", "Phase B-"], "Reference": ["Index Z+", "Index Z-"] } ``` --- ## 4. Usage Considerations * **Noise Immunity:** Because this part uses differential signaling, ensure you use **shielded twisted pair** cables. * **Coupling:** The electronic accuracy depends on mechanical alignment; use a flexible coupling to prevent shaft stress from damaging the internal optics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between incremental and absolute encoders in this series?
    • ⤷ How do I troubleshoot a 'no signal' error from the MH47TCD-R?
    • ⤷ Can this encoder operate at temperatures above 80°C?