Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MH65FBD-R

  • AI
    The **MH65FBD-R** is a specific electronic component typically identified as a **High-Voltage Rectifier Diode** or a **Flyback Diode**, commonly used in microwave oven high-voltage circuits. --- ### 1. General Specifications This component is designed to handle high-voltage pulses and convert AC power to DC for the magnetron. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | High Voltage Silicon Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 6kV - 8kV (approx.) | | **Average Forward Current ($I_{F}$)** | 350mA - 500mA | | **Forward Voltage Drop ($V_{F}$)** | ~7V to 10V | | **Operating Temperature** | -20°C to +135°C | --- ### 2. Physical Construction * **Body:** Usually a black cylindrical molded plastic case. * **Terminals:** It often features one **ring terminal** (for grounding to the chassis) and one **spade/faston connector** (to connect to the high-voltage capacitor). * **Polarity:** The ring terminal side is typically the **Anode** (grounded), and the lead/spade side is the **Cathode**. --- ### 3. Function in a Circuit In a standard microwave oven power supply, the MH65FBD-R works in conjunction with a High-Voltage Transformer and a High-Voltage Capacitor to form a **half-wave doubler circuit**. 1. **Rectification:** It converts the high-voltage AC coming from the transformer into DC. 2. **Voltage Doubling:** During one half-cycle, it allows the capacitor to charge; during the next, the stored voltage adds to the transformer output to drive the magnetron (approx. 4,000V). 3. **Protection:** It prevents reverse current from damaging the transformer. --- ### 4. Testing and Troubleshooting Because these diodes consist of multiple internal junctions in series, they **cannot** be tested with a standard multimeter "Diode Test" mode (which only outputs ~2V-3V). * **Symptoms of Failure:** Microwave runs but doesn't heat, a loud humming noise, or a blown main fuse. * **The 9V Battery Test:** * Connect a 9V battery in series with the diode and a multimeter set to DC Voltage. * **Forward Bias:** You should see a voltage drop (e.g., the meter reads 5V-7V). * **Reverse Bias:** The meter should read 0V. * **Faulty:** If it reads 9V in both directions (open) or 0V in both directions (shorted), the part is defective. --- **Safety Warning:** High-voltage capacitors can hold a lethal charge even when the appliance is unplugged. Always discharge the capacitor before touching the diode.
    ✨ Follow-up Questions
    • ⤷ How do I safely discharge a high-voltage capacitor before replacing this diode?
    • ⤷ Can I substitute the MH65FBD-R with a CL01-12 diode?
    • ⤷ What causes a high-voltage diode to burn out frequently?