Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MH67FBD-R

  • AI
    The **MH67FBD-R** is an outdoor-rated, high-performance **PTZ (Pan-Tilt-Zoom) Speed Dome Camera**, typically part of Hikvision or similar OEM security ecosystems. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Optical and Imaging Components The core of the device relies on high-definition image capture and processing electronics. | Component | Specification | Description | | :--- | :--- | :--- | | **Image Sensor** | 1/2.8" Progressive Scan CMOS | Converts light into electronic signals with low noise. | | **DSP** | Digital Signal Processor | Handles image enhancement (WDR, 3D DNR, BLC). | | **Lens Assembly** | Varifocal Motorized Lens | Typically supports 20x to 30x optical zoom. | | **IR Cut Filter** | Mechanical Switch | Switches between day and night modes for color accuracy. | --- ### 2. Motion and Control Systems Since this is a PTZ camera, it contains specialized electronics to manage precise physical movement. * **Stepper Motors:** High-precision motors that allow for smooth panning (360°) and tilting (-15° to 90°). * **Motor Driver ICs:** Integrated circuits that translate control commands (from the software) into electrical pulses for the motors. * **Slip Ring:** A specialized rotating connector that allows the camera head to spin 360 degrees continuously without tangling the internal power and data wires. --- ### 3. Power and Connectivity The camera requires stable power management to handle the motors and high-intensity infrared LEDs simultaneously. | Part Type | Function | | :--- | :--- | | **Power Input** | AC 24V or PoE+ (802.3at) | | **Internal PSU** | Regulates voltage for sensitive logic boards (5V, 3.3V). | | **RJ45 Interface** | 10/100M Ethernet port for data and power (if PoE). | | **TVS Protection** | 4000V Lightning/Surge protection electronics to prevent circuit fry. | --- ### 4. Night Vision and Sensors The "R" in the model name often refers to its **Infrared (IR)** capabilities. * **High-Intensity IR LEDs:** Array of LEDs that emit light in the 850nm range. * **Photoresistor:** An electronic sensor that detects ambient light levels to trigger the "Night Mode" switch. * **Smart IR Circuitry:** Adjusts the intensity of the IR beam based on the zoom level to prevent "white-out" on close objects. --- ### 5. Storage and Logic * **SoC (System on Chip):** The "brain" that encodes video (H.265/H.264) and manages network protocols. * **MicroSD Slot:** On-board electronic storage interface (usually supporting up to 256GB). * **Audio I/O:** DAC/ADC circuits for external microphone and speaker integration. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum optical zoom range for the MH67FBD-R?
    • ⤷ Does this model support Power over Ethernet (PoE+)
    • ⤷ and what are the power requirements?
    • ⤷ Is the MH67FBD-R compatible with standard ONVIF protocols for third-party NVRs?