Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MH68TCG-R

  • AI
    The **MH68TCG-R** is a specific electronic component, typically categorized as a **High-Frequency Chip Inductor** (specifically a multilayer ceramic inductor). These parts are widely used in telecommunications, RF modules, and mobile devices due to their small footprint and high-frequency stability. --- ## 1. Technical Specifications Below are the typical technical parameters associated with this series of inductors: | Feature | Specification | | :--- | :--- | | **Inductance Value** | Typically 6.8 nH (indicated by "68") | | **Tolerance** | ±0.3nH or ±5% (Contextual to suffix) | | **Material** | Multilayer Ceramic | | **Case Size** | 0603 (Metric) or 0201 (Imperial) - *varies by manufacturer* | | **Operating Temp** | -55°C to +125°C | | **Quality Factor (Q)** | High Q at high frequencies (GHz range) | --- ## 2. Component Breakdown The alphanumeric code provides specific details about the component's construction and performance: ### **M - Material/Series** Indicates a multilayer ceramic construction. These are non-wirewound, meaning they are built by layering conductive patterns between ceramic sheets. This design provides excellent reliability and high self-resonant frequencies (SRF). ### **H - Frequency Rating** The "H" usually denotes a "High-Frequency" characteristic, optimized for circuits operating in the MHz to GHz range. ### **68 - Inductance Value** The "68" represents the numerical value. In the context of these small RF chips, this usually equates to **6.8 nanohenries (nH)**. ### **TCG/R - Packaging and Tolerance** * **T:** Often stands for "Tape and Reel" packaging. * **C/G:** Defines the tolerance (e.g., ±0.2nH or ±0.3nH). * **R:** Usually indicates "RoHS Compliant" or a specific variation in the termination material (e.g., Lead-free). --- ## 3. Key Applications Because of its high Q-factor and stable inductance at high frequencies, the MH68TCG-R is commonly found in: 1. **RF Matching Circuits:** Used to match the impedance between power amplifiers and antennas. 2. **Frequency Filtering:** Part of Low Pass (LPF) or Band Pass (BPF) filters in mobile phones. 3. **WLAN/Bluetooth Modules:** Essential for signal integrity in 2.4GHz and 5GHz communication bands. 4. **VCOs:** Voltage Controlled Oscillators for signal generation. --- ## 4. Advantages * **Miniaturization:** The small SMD (Surface Mount Device) profile allows for high-density PCB layouts. * **Low DC Resistance (DCR):** Minimizes power loss and heat generation. * **High SRF:** Ensures the component behaves like an inductor even at very high operation speeds.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the MH68TCG-R?
    • ⤷ What is the typical DC resistance (DCR) for a 6.8nH multilayer inductor?
    • ⤷ How does a multilayer ceramic inductor differ from a wirewound inductor in RF circuits?