MH74TCD-R
AI

The **MH74TCD-R** belongs to a specific category of electronic components typically used in timing or clock generation circuits. Below is a breakdown of its technical specifications, functionality, and characteristics.
---
## 1. Component Overview
The MH74TCD-R is primarily identified as a **Temperature Compensated Crystal Oscillator (TCXO)** or a high-stability clock source. These parts are designed to maintain a very precise frequency output despite changes in environmental temperature.
### Key Specifications
| Feature | Typical Specification |
|:---|:---|
| **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Package Style** | Surface Mount Device (SMD) |
| **Frequency Stability** | ±0.5ppm to ±2.5ppm (Standard for TCD series) |
| **Supply Voltage** | Usually 1.8V, 2.5V, or 3.3V DC |
| **Output Type** | Clipped Sine Wave or CMOS |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
## 2. Technical Functionality
### Temperature Compensation
Standard crystals drift as they get hotter or colder. The "TC" in the part number indicates internal circuitry that senses the ambient temperature and applies a correction voltage to the oscillating crystal to keep the frequency stable.
### The "-R" Suffix
In the electronics industry, the **-R** suffix typically denotes:
1. **RoHS Compliance:** The part is lead-free and meets environmental safety standards.
2. **Tape & Reel:** The parts are packaged on a continuous reel for automated pick-and-place assembly machines.
---
## 3. Pin Configuration (Typical)
Most oscillators in this series follow a standard 4-pin or 6-pin layout:
| Pin Number | Function | Description |
|:---:|:---|:---|
| **1** | Vcont / NC | Voltage Control (for tuning) or No Connection |
| **2** | GND | Ground |
| **3** | Output | The generated clock signal |
| **4** | Vcc | Positive Supply Voltage |
---
## 4. Common Applications
Because of its high stability and small footprint, the MH74TCD-R is commonly found in:
* **Wireless Communication:** GPS modules, Wi-Fi routers, and Bluetooth devices.
* **IoT Devices:** Low-power sensors requiring precise timing for synchronization.
* **Telecommunications:** Base stations and networking hardware.
---
- ⤷
What are the specific frequency ranges available for the MH74TCD-R?
- ⤷ How does a TCXO differ from a standard XO in terms of power consumption?
- ⤷ What are the soldering layout requirements for this SMD package?