Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO+21FGG-R

  • AI
    The **MHO+21FGG-R** is a specific part number typically associated with **Temperature and Process Controllers**, often manufactured by companies like **Shimaden** or specialized industrial electronics firms. This specific code defines the hardware configuration, input/output types, and power specifications of the unit. --- ### 1. Part Number Breakdown Based on standard industrial naming conventions for this series, here is the functional breakdown of the components: | Segment | Component Type | Description | | :--- | :--- | :--- | | **MHO** | Series Identifier | High-precision Digital Process/Temperature Controller. | | **+** | Separator | Indicates a customized or specific hardware revision. | | **21** | Control Outputs | Typically signifies dual output capability (e.g., Output 1 and Output 2). | | **F** | Input Type | Multi-input (Universal) - supports Thermocouples, RTDs, and Voltage/Current. | | **GG** | Output Types | Represents the specific signal types for the dual outputs (e.g., 4-20mA or SSR Drive). | | **-R** | Option/Power | Often indicates a specific communication port (RS-485) or Relay contact type. | --- ### 2. Key Electronic Specifications The internal electronics of the MHO+21FGG-R are designed for industrial stability and signal accuracy. #### Input Stage * **A/D Converter:** High-resolution Delta-Sigma converter for precise sensor reading. * **Sampling Cycle:** Usually ranges between 0.1 to 0.25 seconds. * **Isolation:** The input circuit is galvanically isolated from the power supply and output stages to prevent ground loops. #### Control Logic * **PID Algorithm:** Utilizes "Expert PID" or "Fuzzy Logic" to minimize overshoot and stabilize the process variable (PV). * **Memory:** Non-volatile EEPROM used to store parameters so settings are retained during power loss. #### Output Hardware * **GG Configuration:** Usually implies two **Linear Current Outputs** (4-20mA DC). This is used for driving proportional valves or SCR power regulators. * **Power Supply:** Standard industrial range, typically 100-240V AC or 24V DC (depending on the specific sub-variant). --- ### 3. Application Use Cases This specific electronic configuration (Dual Linear Output) is commonly used in: 1. **Heat/Cool Control:** Where Output 1 controls a heater and Output 2 controls a cooling fan or valve. 2. **Cascade Control:** Where the output of this controller acts as the setpoint for another controller. 3. **Signal Retransmission:** Using one output to control the process and the other to send the PV signal to a PLC or Data Logger. ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the 4-20mA outputs on this model?
    • ⤷ How do I switch the input type from Thermocouple to RTD in the settings?
    • ⤷ Is the MHO+21FGG-R compatible with RS-485 Modbus communication?