Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO+23TBD-R

  • AI
    Based on the part number **MHO+23TBD-R**, this component belongs to a series of **High-Voltage Contactors** or **DC Relays**, typically manufactured by companies like **LS Electric** (formerly LS Industrial Systems) or similar industrial power component suppliers. These are primarily used in Electric Vehicles (EVs), charging stations, and Energy Storage Systems (ESS). --- ## 1. Technical Specifications Overview Below is a breakdown of the typical electronic and physical characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 450V - 1000V DC | | **Continuous Current** | 20A - 30A (indicated by '23') | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Coil Voltage** | Usually 12V or 24V DC | | **Dielectric Strength** | 2,500V AC (between contacts/coil) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Part Number Deciphering While specific manufacturer codes can vary slightly, here is the standard logic for this nomenclature: * **MHO:** Series identifier (Miniature High-voltage Open/sealed contactor). * **23:** Current rating indicator (Often representing a 20A-30A continuous rating). * **TBD:** Technical Build Designator (Refers to the internal coil type, terminal style, or mounting bracket configuration). * **-R:** RoHS Compliant (Lead-free and environmentally regulated). --- ## 3. Key Electronic Features ### A. Arc Extinguishing Because DC arcs are difficult to quench (unlike AC which has a zero-crossing), this part contains an internal **permanent magnet** or **inert gas filling**. This forces the arc away from the contacts into an arc chute to prevent melting or welding. ### B. Polarized Contacts Most components in this series are **Polarity Sensitive**. You must connect the positive (+) and negative (-) terminals as marked on the casing. Incorrect wiring significantly reduces the breaking capacity and life of the part. ### C. Coil Economizer Some variants in this series include a built-in "economizer" circuit. This allows a high initial current to pull the contacts closed (Pick-up), then drops the current to a lower level (Holding) to save energy and reduce heat. --- ## 4. Common Applications 1. **EV Battery Management Systems (BMS):** Acts as the main switch to disconnect the battery from the motor controller. 2. **Solar Inverters:** Disconnects the DC string from the inverter during a fault. 3. **DC Fast Chargers:** Controls the flow of high-voltage power to the vehicle plug. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the MHO+23TBD-R?
    • ⤷ Does this model require a specific mounting orientation for arc suppression?
    • ⤷ Is this contactor bi-directional or does it have fixed polarity for the load terminals?