MHO+26TCD-R
AI

The **MHO+26TCD-R** is a specific technical designation typically associated with high-precision **Quartz Crystal Oscillators**, specifically within the **TCXO** (Temperature Compensated Crystal Oscillator) category. These components are critical for frequency control in telecommunications and radio frequency applications.
---
### 1. Key Technical Specifications
Based on the part number nomenclature, the following technical characteristics are generally defined:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | TCXO | Temperature Compensated Crystal Oscillator. |
| **Package Style** | DIP-14 / Half-Size | Usually a 4-pin metal "can" package for through-hole mounting. |
| **Frequency Stability** | ±2.5 ppm to ±5.0 ppm | Maintains precise frequency despite temperature changes. |
| **Output Type** | CMOS / TTL | Provides a square wave signal compatible with digital logic. |
| **Voltage Supply** | 3.3V or 5.0V | Standard operating voltages for digital circuits. |
| **RoHS Status** | Compliant (-R) | The "R" suffix typically denotes lead-free/RoHS compliance. |
---
### 2. Internal Electronic Structure
The device is not just a crystal; it is an integrated circuit module containing several electronic stages:
1. **Quartz Crystal Blank:** The heart of the unit, vibrating at a specific resonant frequency (e.g., 26.000 MHz).
2. **Compensation Network:** A thermistor-based circuit that senses ambient temperature and adjusts the load capacitance to keep the frequency stable.
3. **Oscillator IC:** An active circuit that drives the crystal and maintains the oscillation.
4. **Buffer/Output Stage:** Shapes the signal into a clean square wave and provides the drive strength needed for the rest of the PCB.
---
### 3. Pin Configuration (Typical)
Most MHO-style oscillators follow a standardized 4-pin layout for Through-Hole Technology (THT):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Vcont | No connection or Voltage Control (if it's a VCTCXO). |
| **7** | GND | Circuit Ground. |
| **8** | Output | The generated clock signal. |
| **14** | Vcc | Positive Power Supply. |
---
### 4. Common Applications
Because of the "TC" (Temperature Compensation) aspect, these parts are used where standard crystals are too unstable:
* **GPS Receivers:** Requiring high timing accuracy.
* **Wireless Communication:** Ensuring the radio stays on the correct channel.
* **Embedded Systems:** Providing a master clock for microcontrollers in industrial environments.
---
- ⤷
What is the specific nominal frequency (MHz) for your version of the MHO+26TCD-R?
- ⤷ Do you require the pinout diagram for a specific PCB footprint?
- ⤷ Are you looking for an equivalent replacement from a different manufacturer?