Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO+32TAAD-R

  • AI
    The **MHO+32TAAD-R** is a high-performance **Crystal Oscillator (XO)** manufactured by MtronPTI. It is part of the MHO+ series, which is known for its reliability and precision in timing applications. --- ### 1. General Specifications The following table highlights the key technical parameters for this specific part number: | Parameter | Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Output Type** | HCMOS / TTL Compatible | | **Package Style** | 14-pin DIP (DIL) - Thru-Hole | | **Frequency Range** | Typically fixed (customized per order, e.g., 1 MHz to 150 MHz) | | **Operating Voltage** | 5.0V (Standard for MHO+ series) | | **Stability** | ±100ppm to ±25ppm (depending on suffix) | | **RoHS Status** | Compliant (-R suffix) | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the component's build: * **MHO+**: Refers to the series (Mtron High-reliability Oscillator, 5.0V). * **3**: Represents the Stability/Temperature range (typically ±50ppm or ±100ppm depending on the manufacturer's datasheet revision). * **2**: Designates the Duty Cycle (often 40/60% or 45/55%). * **T**: Indicates the Temperature Range (Standard is 0°C to +70°C). * **AA**: Internal codes for specific frequency or custom electrical specifications. * **D**: Package variant (Full-size 14-pin DIP footprint). * **-R**: Indicates **RoHS Compliance** (Lead-free). --- ### 3. Pin Configuration Since this is a 14-pin DIP package, it uses a standard layout where most pins are omitted, leaving only four active connections: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | N/C or Tri-state | No connection or Output Enable/Disable | | **7** | GND | Case Ground/Negative Supply | | **8** | Output | The generated clock signal (Square Wave) | | **14** | Vcc | Positive Supply Voltage (+5.0V) | --- ### 4. Applications The MHO+32TAAD-R is designed for robust industrial and commercial electronic environments, including: * **Microprocessor Clocks:** Providing the heartbeat for CPUs and MCUs. * **Networking Gear:** Switches and routers requiring stable timing. * **Industrial Control:** PLCs and automation equipment. * **Legacy Systems:** Its 14-pin DIP format is ideal for maintaining or repairing older through-hole PCB designs.
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the MHO+32TAAD-R variant?
    • ⤷ Can this oscillator be used in a 3.3V circuit?
    • ⤷ What are the modern SMD alternatives to this 14-pin DIP oscillator?