Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO+57FAD-R

  • AI
    The **MHO+57FAD-R** is a high-precision, high-frequency electronic component, specifically a **Voltage Controlled Crystal Oscillator (VCXO)** manufactured by **MtronPTI**. These components are critical in telecommunications and networking hardware for maintaining precise timing and synchronization. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the MHO+57FAD-R: | Parameter | Value / Description | | :--- | :--- | | **Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Package Style** | 14-pin DIP (Dual In-line Package) | | **Supply Voltage ($V_{cc}$)** | +5.0 VDC | | **Output Type** | HCMOS / TTL Compatible | | **Frequency Range** | Typically used for high-frequency applications (check specific label for MHz) | | **Pullability** | Varies by model, allows frequency adjustment via control voltage | | **RoHS Status** | "R" suffix indicates RoHS Compliant | --- ## 2. Pin Configuration (Typical 14-Pin DIP) Though it fits a 14-pin footprint, many pins are often omitted or not connected (NC) to save space or reduce interference. 1. **Pin 1 (Voltage Control):** Input voltage used to slightly adjust the output frequency. 2. **Pin 7 (Ground):** Connected to the system ground. 3. **Pin 8 (Output):** The generated clock signal (HCMOS/TTL). 4. **Pin 14 ($V_{cc}$):** +5.0V Power Supply. --- ## 3. Key Features and Applications ### Features * **Stability:** High frequency stability over a wide temperature range. * **Reliability:** Built to military/industrial standards for long-term consistency. * **Tuning:** The "Voltage Control" feature allows the system to fine-tune the clock to match an external reference signal (Phase Locked Loop - PLL). ### Applications * **Telecommunications:** Base stations, SONET/SDH clocks. * **Networking:** Switches and routers requiring stable timing for data packets. * **Instrumentation:** Signal generators and frequency synthesizers. --- ## 4. Breakdown of the Part Number | Code | Meaning | | :--- | :--- | | **MHO** | Series designation for MtronPTI VCXOs | | **+5** | Indicates +5.0V Operating Voltage | | **7** | Temperature Stability/Operating Range code | | **F** | Symmetry/Duty Cycle specification | | **AD** | Frequency/Pullability specific code | | **-R** | **RoHS Compliant** (Lead-free) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and a VCXO like the MHO+57FAD-R?
    • ⤷ How do I calculate the 'pull range' for this specific oscillator?
    • ⤷ What are the common failure modes for DIP-packaged crystal oscillators?