Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO+72TCD-R

  • AI
    The **MHO+72TCD-R** is a specific model within the **MHO+ Series** of high-precision crystal oscillators manufactured by **MtronPTI**. These components are essential in electronics for providing a stable clock signal. --- ### 1. Technical Specifications Table | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | Fixed frequency clock generator. | | **Frequency Range** | 1.5 MHz to 155.52 MHz | (Actual frequency depends on specific ordering code). | | **Supply Voltage** | 5.0 Volts (±10%) | Typical operating voltage for the '7' series. | | **Output Type** | HCMOS / TTL | Compatible with logic circuits. | | **Package Style** | 14-pin DIP (DIL) | Through-hole, hermetically sealed metal package. | | **Stability** | ±100 ppm (standard) | Frequency variance over temperature. | | **Operating Temp** | 0°C to +70°C | Commercial grade temperature range. | --- ### 2. Breakdown of the Part Number The alphanumeric code follows MtronPTI’s naming convention: * **MHO**: Represents the product series (High-speed HCMOS/TTL). * **+**: Indicates **RoHS compliance** (Lead-free). * **7**: Specifies the operating voltage (7 = 5.0V). * **2**: Designates the stability/temperature code (2 = ±100ppm, 0°C to +70°C). * **T**: Indicates the output load (T = TTL/HCMOS compatible). * **CD**: Refers to the physical package (CD = 14-pin DIP, 4 pins connected). * **R**: Denotes the specific revision or frequency tuning. --- ### 3. Key Electronic Characteristics #### A. Power and Logic This part operates on a **5V supply**, making it ideal for legacy systems or industrial hardware that requires high-voltage logic levels. It can drive both CMOS (High-speed Complementary Metal-Oxide-Semiconductor) and TTL (Transistor-Transistor Logic) inputs. #### B. The "Full Size" Package The **CD** designation refers to a 14-pin DIP metal can. Although it has 14 pin positions, typically only 4 pins are active: * **Pin 1:** NC (No connection) or Tristate (Enable/Disable). * **Pin 7:** Case Ground. * **Pin 8:** Output Signal. * **Pin 14:** Vcc (+5V). #### C. Stability and Precision With a **100ppm** (Parts Per Million) stability, this oscillator is designed for general-purpose timing. It ensures that the digital clock does not drift significantly due to heat or electrical noise during standard operation. --- ### 4. Common Applications * **Microprocessor Clocks:** Providing the "heartbeat" for CPUs and Microcontrollers. * **Telecommunications:** Timing for data transmission hardware. * **Industrial Control:** Used in PLCs and automation equipment where through-hole mounting is preferred for durability. * **Legacy Hardware:** Maintenance and repair of older computing equipment using 5V logic.
    ✨ Follow-up Questions
    • ⤷What is the difference between HCMOS and TTL output levels?
    • ⤷ How do I test if an MHO+72TCD-R oscillator is functioning correctly?
    • ⤷ Can I substitute a 3.3V oscillator for this 5V part?