Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO+73TFD-R

  • AI
    The **MHO+73TFD-R** is a specific series of high-precision crystal oscillators manufactured by **MtronPTI**. These components are critical in electronics for generating a stable clock frequency. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature used by MtronPTI. Below is a breakdown of its core characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Style** | 14-pin DIP (DIL) - Often 4 pins connected | | **Output Type** | HCMOS / TTL Compatible | | **Supply Voltage** | Typically 5.0V or 3.3V (Model dependent) | | **Frequency Stability** | ±100ppm to ±25ppm (Standard range) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number To understand the specific electronic behavior, we can decode the alphanumeric string: * **MHO:** Identifies the product series (Metal package, Hole-through, HCMOS/TTL). * **+:** Usually indicates a specific revision or lead-free manufacturing process. * **7:** Represents the Voltage/Symmetry (e.g., 5.0V with 40/60% duty cycle). * **3:** Represents the Stability (e.g., ±50ppm or ±25ppm). * **T:** Operating Temperature range (T usually refers to Wide/Industrial range). * **FD:** Frequency specific identifier or internal code for output load. * **-R:** RoHS Compliant (Lead-free). --- ### 3. Electronic Function & Application The MHO+73TFD-R acts as the "heartbeat" of a circuit. It converts DC electrical energy from the power supply into a steady, high-frequency square wave signal. #### Typical Applications: * **Microprocessors:** Providing the base clock for CPUs and MCUs. * **Networking:** Synchronizing data transmission in Ethernet switches or routers. * **Industrial Control:** Ensuring timing accuracy in harsh temperature environments. * **Legacy Systems:** Because it uses the DIP (Dual In-line Package) form factor, it is often found in older industrial equipment or high-reliability hardware that avoids surface-mount components (SMD). --- ### 4. Typical Connection Diagram Most oscillators in this series use a standard 4-pin configuration within a 14-pin footprint: ```text Pin 1: NC (No Connection) or Tri-state Enable Pin 7: Ground (GND) Pin 8: Output Signal (Frequency) Pin 14: Supply Voltage (Vcc) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the FD variant of this oscillator?
    • ⤷ How does the 'Tri-state' function work on Pin 1 of this component?
    • ⤷ What are the recommended decoupling capacitor values for the MHO series?