Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO+75FGG-R

  • AI
    The **MHO+75FGG-R** is a high-precision, high-frequency **Oven Controlled Crystal Oscillator (OCXO)** manufactured by **MtronPTI**. This specific component is designed for applications where extreme frequency stability over temperature changes is critical. --- ## 1. Technical Specifications Overview The part number follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Package Type** | 14-pin DIP (Dual In-line Package) Compatible | | **Frequency Range** | Typically available from 1 MHz to 160 MHz | | **Supply Voltage** | Usually +5.0V (Standard for "75" series) | | **Output Type** | HCMOS / TTL | | **RoHS Status** | Compliant (Indicated by "-R") | --- ## 2. Key Electronic Features ### A. The "Oven" Mechanism Unlike standard oscillators (XO) or Temperature Compensated Oscillators (TCXO), the MHO series contains an internal heating element and a control circuit. It maintains the quartz crystal at a specific **"turnover" temperature** (usually around 75°C to 85°C), where the crystal's frequency-to-temperature slope is nearly zero. ### B. Frequency Stability The "FGG" code typically refers to the stability and temperature range. * **Thermal Stability:** Often in the range of $\pm 0.1$ ppm to $\pm 0.5$ ppm. * **Aging:** Very low aging rates (e.g., $\pm 1$ ppm over 10 years), making it ideal for long-term deployments. ### C. Output Waveform The device provides a **Square Wave** output compatible with High-Speed CMOS (HCMOS) logic levels. This allows it to drive digital clocks and processors directly without additional interface circuitry. --- ## 3. Pin Configuration (Internal Architecture) In a standard 14-pin DIP footprint, only four or five pins are usually active: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | V_control (Optional) | Voltage control for fine-tuning frequency (EFC). | | **Pin 7** | Ground | Case and circuit ground. | | **Pin 8** | Output | The generated RF clock signal. | | **Pin 14** | Vcc | Power supply input (+5V). | --- ## 4. Typical Applications Due to its high stability, the MHO+75FGG-R is used in: * **Telecommunications:** Base stations (LTE/5G) and small cells. * **Test and Measurement:** Frequency counters and signal generators. * **Networking:** Synchronous Ethernet (SyncE) and IEEE 1588 PTP clocks. * **Aerospace:** Satellite communication ground stations. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference in power consumption between this OCXO and a standard TCXO?
    • ⤷ How does the 'Warm-up time' affect the performance of the MHO+75FGG-R?
    • ⤷ Can this part be used in battery-powered portable devices?