Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO322FAD-R

  • AI
    The **MHO322FAD-R** is a specific surface-mount electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** or a specialized **Chip Varistor/Thermistor** used for circuit protection and temperature sensing/compensation. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The MHO series is generally designed for high-density surface mount applications where space is limited but protection against overvoltage or thermal runaway is required. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) / Chip Varistor | | **Package Size** | 3225 (Metric) or 1210 (Imperial) | | **Mounting Type** | SMD (Surface Mount Device) | | **Material** | Zinc Oxide (ZnO) based ceramic | | **Terminal Finish** | Tin (Sn) plated over Nickel (Ni) barrier | --- ## 2. Key Electronic Functions The MHO322FAD-R performs three primary roles within an electronic circuit: ### A. Surge Protection The device acts as a "voltage-sensitive resistor." Under normal operating voltages, it maintains high impedance. When a high-voltage spike occurs (like ESD or inductive switching), the resistance drops instantly, shunting the current to ground and protecting sensitive ICs. ### B. Transient Voltage Suppression (TVS) It is designed to absorb energy from transient pulses. Unlike a standard diode, it is bi-directional, meaning it can clamp both positive and negative voltage spikes. ### C. Thermal Stability The "FAD" designation often refers to a specific formulation that offers high stability across a wide temperature range, ensuring that the clamping voltage does not drift significantly as the device heats up. --- ## 3. Typical Application Circuits These parts are commonly found in the following locations: 1. **Power Supply Input:** To protect against line surges. 2. **I/O Ports:** To protect communication lines (USB, HDMI, Ethernet) from static electricity. 3. **LED Drivers:** To prevent voltage spikes from damaging sensitive LED strings. 4. **Automotive Electronics:** Used in 12V/24V systems to handle load dump transients. --- ## 4. Marking and Part Number Breakdown While manufacturer codes vary slightly, the "R" suffix typically denotes: * **R:** Tape and Reel packaging (Standard for automated SMT assembly). * **322:** Refers to the physical dimensions ($3.2mm \times 2.5mm$). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the MHO322FAD-R?
    • ⤷ How does this MOV compare to a TVS diode in terms of response time?
    • ⤷ What are the recommended soldering profiles for 3225 size SMD components?