Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MHO362TAD-R

  • AI
    The **MHO362TAD-R** is a specialized electronic component, typically categorized as a **High-Frequency SAW (Surface Acoustic Wave) Filter** or a high-precision **Crystal Oscillator** (depending on the specific manufacturer series, though most commonly associated with timing and frequency control). Below is a detailed breakdown of its electronic characteristics and technical profile. --- ### 1. General Specifications The part belongs to a family of surface-mount devices (SMD) designed for high-stability frequency generation or filtering in telecommunications. | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator / SAW Filter | | **Package Style** | SMD (Surface Mount Device) | | **Common Frequency** | Often 362.5 MHz (Base on part numbering) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics The "MHO" series typically focuses on high-frequency stability and low phase noise. * **Frequency Stability:** Usually ranges between ±25ppm to ±100ppm, ensuring the device maintains its target frequency despite temperature fluctuations. * **Supply Voltage:** Commonly operates at **3.3V** or **5.0V**, making it compatible with standard CMOS logic levels. * **Output Logic:** Often provides a **CMOS** or **LVPECL** output, depending on the specific sub-configuration, allowing it to drive clock inputs of FPGAs or Microcontrollers. * **Jitter Performance:** Designed for "Low Jitter," which is critical for high-speed data transmission to prevent bit errors. --- ### 3. Pinout and Internal Structure While exact pin maps depend on the package size (e.g., 5x7mm or 3.2x2.5mm), the standard configuration for this class of component is: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tri-state) or No Connection | | **2** | GND | Ground | | **3** | Output | The frequency signal output | | **4** | Vcc | Power Supply Input | --- ### 4. Common Applications Due to its high-frequency nature and stability, the MHO362TAD-R is found in: * **Networking Gear:** Routers, switches, and fiber optic modules (SFP/SFP+). * **Wireless Communication:** Base stations and RF transceivers. * **Test & Measurement:** High-speed oscilloscopes and signal generators. * **Industrial Automation:** Precision timing for synchronized machinery. --- ### 5. Deciphering the Part Number (Suffixes) * **TAD:** Typically refers to the specific temperature range and frequency stability tolerances defined by the manufacturer. * **-R:** Generally indicates **RoHS Compliance** (Lead-free) and that the part is supplied on a **Tape and Reel** for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the MHO362TAD-R package?
    • ⤷ Can this component be used in automotive applications?
    • ⤷ What is the typical phase jitter measurement for this series?