Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MJS100-R

  • AI
    The **MJS100-R** is a high-performance, compact micro-joystick sensor commonly used in industrial control systems, medical equipment, and precision instrument interfaces. It is primarily based on **Magnetic Hall Effect** technology, which allows for contactless sensing and high durability. --- ### 1. Key Electronic Specifications The internal electronics are designed to convert physical movement into a precise electrical signal. | Parameter | Specification | | :--- | :--- | | **Technology** | Hall Effect (Non-contact) | | **Input Voltage** | 5.0V DC (Standard) | | **Output Signal** | Analog (0.5V to 4.5V) or PWM | | **Current Consumption** | < 10mA | | **Resolution** | Infinite (Analog-limited) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Components #### A. Hall Effect Sensors Unlike traditional potentiometers that use carbon wipers (which wear out), the MJS100-R uses **Hall Effect ICs**. - A permanent magnet is attached to the base of the joystick lever. - As the lever moves, the magnetic field strength changes relative to the fixed Hall sensors. - The sensors detect this change and output a voltage proportional to the angle of displacement. #### B. Signal Conditioning Circuitry The raw signal from a Hall sensor is very weak. The internal PCB contains: - **Operational Amplifiers (Op-Amps):** To scale the signal to the standard 0.5V - 4.5V range. - **Filtering Capacitors:** To reduce electromagnetic interference (EMI) and ensure a smooth output signal without "jitter." - **Voltage Regulators:** To ensure the sensor remains accurate even if the input power supply fluctuates slightly. #### C. Centering Mechanism (Electrical Return) While the return-to-center is mechanical (spring-loaded), the electronic "null point" is calibrated during manufacturing. This ensures that when the stick is at rest, the output is exactly **2.5V** (half of the 5V input). --- ### 3. Connection Pinout (Typical) The MJS100-R usually features a 3 or 4-wire interface for easy integration with Microcontrollers (MCUs) or PLCs. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VCC** | +5V Power Supply | | 2 | **GND** | Ground (0V) | | 3 | **X-Axis Out** | Analog voltage for Left/Right movement | | 4 | **Y-Axis Out** | Analog voltage for Up/Down movement (if dual-axis) | --- ### 4. Advantages of this Electronic Design 1. **Longevity:** No physical contact between moving electrical parts means a lifespan of millions of cycles. 2. **Environmental Resistance:** The electronic components are often "potted" (sealed in resin), making them resistant to dust, moisture, and vibration. 3. **Linearity:** The Hall Effect ICs provide a very linear response, meaning the movement of the cursor or machine matches the tilt of the stick perfectly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MJS100-R and a standard potentiometer joystick?
    • ⤷ How do you calibrate the center-point voltage for this sensor in a microcontroller?
    • ⤷ Is there a digital (I2C or SPI) version of the MJS100 series?