Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MJS3-R

  • AI
    The **MJS3-R** (commonly associated with parts from manufacturers like **CUI Devices** or specialized audio/data connector series) typically refers to a **3.5mm Mini Jack Switch Connector**. These are widely used in consumer electronics for audio input/output and signal routing. --- ### 1. Key Electronic Components and Features The MJS3-R is more than just a plug socket; it contains internal mechanical switches that change the circuit state when a plug is inserted. | Component | Function | | :--- | :--- | | **Contact Pins** | Conductive metal (usually brass or copper alloy) that transfers electrical signals (Left, Right, Ground). | | **Internal Switch** | A "normally closed" (NC) or "normally open" (NO) mechanism that detects plug insertion. | | **Housing** | High-temperature thermoplastic (e.g., PBT or LCP) designed for PCB mounting. | | **Shielding** | Often includes a metal shield to reduce Electromagnetic Interference (EMI). | --- ### 2. Circuit Functionality (The "Switch" Logic) The "S" in MJS often denotes a **Switching** capability. In a standard audio application: 1. **Unplugged State:** The internal switch connects the input signal to a specific pin (e.g., routing audio to internal speakers). 2. **Plugged State:** Inserting the 3.5mm jack physically pushes the contact, breaking the internal connection (turning off speakers) and routing the signal exclusively to the headphones. --- ### 3. Technical Specifications Typical electrical ratings for these components are as follows: | Parameter | Typical Value | | :--- | :--- | | **Voltage Rating** | 12V DC to 16V DC | | **Current Rating** | 0.5A to 1.0A | | **Contact Resistance** | < 30mΩ to 50mΩ | | **Insulation Resistance** | > 100MΩ at 500V DC | | **Operating Temperature** | -25°C to +85°C | --- ### 4. Implementation Code (Microcontroller Logic) If you are using the MJS3-R switch pin to trigger a microcontroller (like an Arduino) to detect when headphones are plugged in, you might use the following logic: ```cpp const int detectPin = 2; // Connected to the MJS3-R switch pin void setup() { pinMode(detectPin, INPUT_PULLUP); // Use internal pull-up Serial.begin(9600); } void loop() { int status = digitalRead(detectPin); if (status == HIGH) { Serial.println("Jack Inserted: Muting internal speakers."); } else { Serial.println("Jack Removed: Enabling internal speakers."); } delay(500); } ``` --- ### 5. Common Applications * **Portable Audio:** Smartphones, MP3 players, and tablets. * **Communication Devices:** Handheld radios and walkie-talkies. * **Computers:** Motherboard audio headers for front-panel detection. * **Industrial:** Signal tapping and diagnostic ports.
    ✨ Follow-up Questions
    • ⤷What is the difference between a 3-conductor and 4-conductor MJS connector?
    • ⤷ How do I wire the NC (Normally Closed) pin for automatic speaker muting?
    • ⤷ What are the common failure modes of MJS series connectors?