Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ML12013P

  • AI
    ## Overview of the ML12013P IC The **ML12013P** is a legacy high-speed dual-modulus prescaler, typically manufactured using Bipolar technology (often associated with Motorola/Freescale or similar semiconductor lines). It is primarily used in Frequency Synthesizer applications, specifically within Phase-Locked Loop (PLL) circuits. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Function** | Dual-Modulus Prescaler | | **Division Ratios** | ÷10 / ÷11 | | **Frequency Range** | Up to 225 MHz (typical) | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | | **Logic Type** | ECL (Emitter Coupled Logic) compatible | | **Package Type** | 8-pin Plastic DIP (P-suffix) | --- ### 2. Functional Components The internal architecture of the ML12013P consists of several critical electronic stages: 1. **Input Amplifier:** A high-sensitivity differential amplifier designed to accept low-level RF signals. 2. **Dividing Logic:** A series of high-speed flip-flops configured to divide the input frequency by either 10 or 11. 3. **Control Logic (Modulus Control):** An input pin that determines the division ratio. * **High Logic:** Usually divides by 10. * **Low Logic:** Usually divides by 11. 4. **Output Buffer:** Converts internal ECL signal levels to a drive level suitable for the next stage in the frequency synthesizer chain. --- ### 3. Pin Configuration (Typical 8-Pin DIP) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Modulus Control** | Selects ÷10 or ÷11 | | 2 | **Vcc** | Positive Supply Voltage | | 3 | **Input** | RF Signal Input | | 4 | **Input (Complement)** | Decoupling or Differential Input | | 5 | **Output** | Divided Frequency Output | | 6 | **Output (Complement)** | Inverted Output | | 7 | **GND** | Ground | | 8 | **NC** | No Connection | --- ### 4. Common Applications * **VHF/UHF Frequency Synthesis:** Used to scale down high frequencies so they can be processed by lower-speed CMOS/TTL PLL controllers. * **Radio Transceivers:** Found in older amateur radio and commercial communication equipment. * **Signal Generators:** Used in laboratory equipment to maintain precise frequency lock. --- ### 5. Design Considerations * **Coupling:** Because it operates at high frequencies, the input signal should be AC-coupled using a high-quality ceramic capacitor. * **Decoupling:** A 0.1µF capacitor should be placed as close as possible to the Vcc pin to minimize power supply noise. * **Terminations:** Since it uses ECL-like internal structures, proper impedance matching (usually 50 ohms) is vital to prevent signal reflections.
    ✨ Follow-up Questions
    • ⤷ What are the modern alternatives to the ML12013P for higher frequencies?
    • ⤷ How do you calculate the output frequency based on the modulus control signal?
    • ⤷ Can the ML12013P interface directly with a 3.3V microcontroller?