Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MMBTA45-AE3-R

  • AI
    The **MMBTA45-AE3-R** is a specific High Voltage NPN Epitaxial Silicon Transistor. It is designed primarily for applications requiring high breakdown voltages and small surface-mount footprints. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the MMBTA45-AE3-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 400 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 400 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 6.0 | V | | **Collector Current (DC)** | $I_C$ | 300 | mA | | **Power Dissipation** | $P_D$ | 350 | mW | | **DC Current Gain** | $h_{FE}$ | 40 - 100 | (at $I_C=10mA$) | | **Package Type** | SOT-23 | Surface Mount | - | --- ### 2. Part Number Breakdown The suffixing and prefixing often indicate the manufacturer (often **UTC - Unisonic Technologies**) and the packaging format: * **MMBTA45**: The base model number (High voltage NPN). * **AE3**: Refers to the **SOT-23** package type. * **R**: Typically indicates "Tape and Reel" packaging for automated assembly. * **Halogen Free/Lead Free**: Usually implied in modern -R suffix variants for RoHS compliance. --- ### 3. Application Areas Due to its high voltage rating ($400V$), this transistor is not used for logic-level switching but rather for specialized power circuits: 1. **Telecommunications**: Used in line switching and high-voltage signal processing. 2. **Power Supplies**: Utilized in small-signal sections of AC-DC converters or constant current sources. 3. **Drivers**: Driving high-voltage displays (like Gas Discharge or Nixie tubes) or small relays. 4. **Lighting**: Used in electronic ballasts or LED driver circuits where high-voltage transients are present. --- ### 4. Circuit Symbol and Pinout (SOT-23) The SOT-23 package has three pins. For the MMBTA45: * **Pin 1:** Base (B) * **Pin 2:** Emitter (E) * **Pin 3:** Collector (C) ```text (C) 3 | ------- | | | (A45)| | | ------- | | 1 2 (B) (E) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent PNP complementary parts for the MMBTA45?
    • ⤷ How does the power dissipation change with ambient temperature for the SOT-23 package?
    • ⤷ Can this transistor be used directly in 220V AC rectification circuits?