MMF25S-R-10K
AI

The **MMF25S-R-10K** is a specific part number for a professional-grade electronic component, primarily manufactured by **Yageo**. It belongs to the **Metal Film Resistor** family.
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's exact properties:
| Part Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **MMF** | Series | MELF (Metal Electrode Leadless Face) Metal Film Resistor |
| **25S** | Power Rating | 0.25 Watts (1/4 W) in a small package size |
| **R** | Packaging | Tape & Reel (Standard) |
| **10K** | Resistance Value | 10,000 Ohms ($10k \Omega$) |
---
### 2. Technical Specifications
This component is designed for precision and stability in electronic circuits.
| Parameter | Specification |
| :--- | :--- |
| **Resistance** | $10k \Omega$ |
| **Tolerance** | Typically $\pm 1\%$ (Standard for Metal Film) |
| **Power Rating** | 0.25W ($1/4$ Watt) |
| **Operating Temp Range** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ |
| **Technology** | Metal Film |
| **Mounting Type** | Surface Mount (MELF Package) |
---
### 3. Key Features
* **MELF Construction:** Unlike standard flat chip resistors (thick film), MELF resistors are cylindrical. This design offers superior thermal dissipation and better pulse load stability.
* **Low Noise:** Metal film technology provides significantly lower current noise compared to carbon film or thick film resistors.
* **Temperature Stability:** It has a low Temperature Coefficient of Resistance (TCR), meaning the resistance value remains stable even as the device heats up.
* **Reliability:** High moisture resistance and long-term stability make it suitable for industrial and automotive applications.
---
### 4. Common Applications
Due to its precision, the MMF25S-R-10K is commonly found in:
1. **Measurement Equipment:** Where accuracy in voltage dividers is required.
2. **Audio Electronics:** Used in signal paths to minimize background hiss/noise.
3. **Medical Devices:** Where long-term reliability and tight tolerances are critical.
4. **Telecommunications:** For signal conditioning and filtering.
- ⤷
What is the physical size difference between a MELF resistor and a standard 0805 SMD resistor?
- ⤷ What is the typical Temperature Coefficient (TCR) for the Yageo MMF series?
- ⤷ Can this resistor be used in high-frequency RF applications?