AI

The **MMF25S-R-1M** is a high-precision, professional-grade metal film resistor. It is designed for applications where stability, low noise, and precise resistance values are critical.
### 1. Part Number Breakdown
To understand this component, we can deconstruct the Yageo part numbering system:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | MMF | Metal Film Resistor (Professional & Mini Style) |
| **Power Rating** | 25S | 0.25W (1/4 Watt) in a small (S) package size |
| **Tolerance** | -R | ±0.01% (Extremely high precision) |
| **Resistance** | 1M | 1 Megohm (1,000,000 Ω) |
---
### 2. Technical Specifications
The electrical characteristics of this resistor are optimized for signal integrity:
* **Resistance Value:** $1\text{ M}\Omega$
* **Power Rating:** $0.25\text{ W}$ at $70^\circ\text{C}$
* **Tolerance:** $\pm0.01\%$ (Ultra-Precision)
* **Temperature Coefficient (TCR):** Typically $\pm15\text{ ppm/}^\circ\text{C}$ to $\pm50\text{ ppm/}^\circ\text{C}$ (depending on specific sub-series)
* **Maximum Working Voltage:** $200\text{V} - 250\text{V}$
* **Operating Temperature:** $-55^\circ\text{C}$ to $+155^\circ\text{C}$
---
### 3. Key Features
* **Metal Film Technology:** Provides much better stability and lower thermal noise compared to carbon film resistors.
* **Miniature Size:** The "S" suffix indicates a "Small" or "Reduced" body size, allowing it to fit into spaces normally reserved for lower-wattage resistors.
* **High Precision:** A tolerance of $0.01\%$ is exceptionally tight, making it suitable for voltage dividers and reference circuits.
* **Epoxy Coating:** Usually coated with a multi-layer vacuum-deposited metal film and protected by a flameproof lacquer.
---
### 4. Common Applications
Due to its high accuracy and stability, the MMF25S-R-1M is typically used in:
1. **Test and Measurement:** Multimeters, oscilloscopes, and laboratory equipment.
2. **Medical Electronics:** Diagnostic tools where signal accuracy is life-critical.
3. **Audio Equipment:** High-end pre-amplifiers to minimize hiss and distortion.
4. **Industrial Controls:** Precision sensors and feedback loops.
---
- ⤷
What are the physical dimensions of the MMF25S package?
- ⤷ How does metal film compare to metal oxide resistors in terms of noise?
- ⤷ Can this resistor be used in high-frequency RF applications?