MMF25S-R-1R
AI

The **MMF25S-R-1R** is a specific model of a precision metal film resistor produced by **Yageo**. It is designed for applications where stability and low noise are critical.
---
### 1. Part Number Breakdown
To understand the electronic characteristics, we can decode the Yageo part numbering system for this component:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MMF** | Series | Metal Film Resistor (Melf or Leaded) |
| **25S** | Power Rating | 0.25W (1/4W) in a Small (S) size package |
| **-R-** | Packaging | Tape & Reel (typically) |
| **1R** | Resistance Value | 1.0 Ohm ($\Omega$) |
---
### 2. Technical Specifications
Below are the key electrical and physical properties of the MMF25S-R-1R:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 1 $\Omega$ |
| **Power Rating** | 0.25 Watts (1/4 W) |
| **Technology** | Metal Film |
| **Temperature Coefficient** | Typically $\pm$50ppm/°C or $\pm$100ppm/°C |
| **Operating Temp Range** | -55°C to +155°C |
| **Voltage Rating** | 200V - 250V (Maximum Working Voltage) |
---
### 3. Key Electronic Characteristics
* **Metal Film Technology:** Unlike carbon film resistors, metal film resistors provide much better stability and lower noise. This makes them ideal for precision circuits.
* **Low Tolerance:** These parts are generally manufactured with tight tolerances (often $\pm$1% or better), ensuring the actual resistance is very close to the 1-ohm rating.
* **"S" (Small) Size Package:** The "25S" designation indicates a "Miniature" size. This means the resistor has the power handling of a standard 1/4W resistor but is physically smaller, similar to the dimensions of a 1/8W resistor. This saves PCB space.
* **Flameproof Coating:** The exterior is typically coated with a multi-layer non-flame material that can withstand high temperatures and prevent combustion during overloads.
---
### 4. Common Applications
Due to its 1-ohm value and precision nature, this part is often used for:
1. **Current Sensing:** Measuring small currents in power supply circuits.
2. **Inrush Limiting:** Protecting sensitive components from initial power spikes.
3. **Audio Circuits:** Providing low-noise signal paths in amplifiers.
4. **Voltage Dividers:** Used in precision feedback loops.
- ⤷
What is the difference between Metal Film and Carbon Film resistors?
- ⤷ How do I interpret the color bands on a 1-ohm resistor?
- ⤷ Can I substitute a 1/2W resistor for this 1/4W part?