Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MMZ2012Y601B

  • AI
    ## Technical Overview of MMZ2012Y601B The **MMZ2012Y601B** is a High-Frequency Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits, specifically targeting electromagnetic interference (EMI). --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Series** | MMZ (Multilayer Chip Bead) | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Impedance** | 600 $\Omega$ (at 100 MHz) | | **Impedance Tolerance** | ±25% | | **DC Resistance (Max)** | 0.30 $\Omega$ | | **Rated Current** | 500 mA | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Functional Characteristics #### Impedance Material (Y-Material) The "Y" in the part number refers to the specific material composition. The Y-material is a **standard type** that provides balanced frequency characteristics. It is effective for noise reduction across a broad range of frequencies, particularly in general signal lines. #### How it Works Unlike a standard inductor which stores energy, a ferrite bead acts like a **frequency-dependent resistor**: * **Low Frequencies:** It has low impedance and allows signals to pass with minimal attenuation. * **High Frequencies:** It converts high-frequency electromagnetic noise into heat through resistive loss. --- ### 3. Physical Construction The MMZ series uses **Multilayer Technology**. Instead of winding a wire around a core, the internal conductors are printed on thin layers of ferrite material and stacked. * **Miniaturization:** High impedance is achieved in a small footprint. * **Reliability:** No external windings mean better durability against mechanical stress. * **Crosstalk:** The multilayer structure reduces stray magnetic flux. --- ### 4. Common Applications This component is typically found in: 1. **Consumer Electronics:** Smart phones, tablets, and laptops. 2. **Peripherals:** USB lines, HDMI ports, and display panels to prevent signal distortion. 3. **Power Decoupling:** Used in conjunction with capacitors to filter noise from power supply lines to sensitive ICs. --- ### 5. Schematic Representation In a circuit diagram, it is represented as a bead on a wire or an inductor symbol, often labeled as `FB` (Ferrite Bead). ```text [Signal In] ----( Ferrite Bead )---- [Signal Out] | (Dissipates EMI Heat) ```
    ✨ Follow-up Questions
    • ⤷How does the MMZ2012Y601B differ from a standard inductor?
    • ⤷ What are the recommended soldering profiles for 0805 chip beads?
    • ⤷ Can this part be used for high-speed data lines like USB 3.0?