Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MP-N-R

  • AI
    The **MP-N-R** designation typically refers to a specific series of high-precision, low-resistance **Current Sense Resistors** (often manufactured by brands like **Caddock** or specialized precision resistor firms). These components are critical for monitoring current flow by converting it into a measurable voltage drop. --- ### 1. Technical Specifications Overview The "MP" series generally signifies a TO-220 or TO-126 style power resistor package. Below are the standard technical characteristics found in these parts: | Feature | Specification (Typical) | | :--- | :--- | | **Package Type** | TO-220 (Molded Plastic) | | **Resistance Range** | 0.005 $\Omega$ to 0.100 $\Omega$ | | **Tolerance** | ±1% to ±5% | | **Power Rating** | 15W to 50W (with Heat Sink) | | **Temperature Coefficient** | 50 ppm/°C to 200 ppm/°C | | **Mounting Style** | Through-Hole | --- ### 2. Key Internal Components The construction of an MP-N-R part is designed to handle thermal stress while maintaining electrical stability: 1. **Resistive Element:** Usually a metal film or foil alloy specifically chosen for its low temperature coefficient of resistance (TCR). 2. **Ceramic Substrate:** Provides an insulated base that facilitates efficient heat transfer from the resistive element to the metal tab. 3. **Encapsulation:** High-temperature molded plastic that protects the element from environmental moisture and mechanical shock. 4. **Terminal Leads:** Often tinned copper for high conductivity and ease of soldering. --- ### 3. Part Number Decoding (Typical) While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: * **MP:** Model Prefix (Power Film Resistor). * **N:** Specific configuration (often refers to a Non-inductive design). * **R:** Resistance value indicator (e.g., 0R05 for 0.05 $\Omega$) or "RoHS" compliance. --- ### 4. Common Applications These parts are found in circuits where high power must be dissipated in a small footprint: * **Switch Mode Power Supplies (SMPS):** Used in the feedback loop for current limiting. * **Motor Control:** Monitoring current to protect the motor from over-current conditions. * **Battery Management Systems (BMS):** Measuring charge and discharge rates in high-capacity packs. * **Audio Amplifiers:** Used in the output stage to stabilize the bias. --- ### 5. Installation Note Since the MP-N-R is a power resistor, its performance is highly dependent on **thermal management**. * **Without a heatsink:** The part can usually only handle ~2.25 Watts. * **With a heatsink:** It can reach its full rated power (e.g., 20W+).
    ✨ Follow-up Questions
    • ⤷ What are the thermal dissipation requirements for the MP-N-R series?
    • ⤷ How does the non-inductive design of the MP-N-R benefit high-frequency circuits?
    • ⤷ What are the common alternatives to TO-220 power resistors?