Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MP1100-5-RV

  • AI
    The **MP1100-5-RV** is a specialized electronic component, typically classified as a **High-Efficiency Synchronous Buck Converter Module** or a Power Module. These components are designed to simplify power management by integrating the controller, MOSFETs, and often the inductor into a single package. --- ### 1. Key Technical Specifications The "5-RV" suffix usually denotes a specific fixed output voltage and package variant. Below is a breakdown of the typical specifications for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V (or 28V depending on series) | | **Output Voltage** | 5.0V (Fixed) | | **Continuous Output Current** | 1A - 3A (Module dependent) | | **Efficiency** | Up to 95% | | **Switching Frequency** | ~600 kHz to 1.5 MHz | | **Package Type** | QFN or Module-style LGA | --- ### 2. Core Internal Components The MP1100 series integrates several discrete functions into one "parts-on-substrate" design: * **Integrated Power MOSFETs:** High-side and low-side switches are built-in, reducing the need for external power transistors and reducing EMI. * **Synchronous Rectification:** Uses a MOSFET instead of a diode for the low side to minimize power loss through heat. * **Internal Compensation:** The feedback loop is compensated internally, meaning you do not need an RC network to stabilize the output. * **Protection Circuitry:** * *OCP (Over Current Protection):* Limits current during shorts. * *OTP (Over Temperature Protection):* Shuts down if the die gets too hot. * *UVLO (Under Voltage Lockout):* Prevents the chip from operating if the input voltage is too low. --- ### 3. Application Circuit Example Because it is a module, the external part count is minimal. A typical implementation requires only input and output capacitors. ```markdown Vin ----[ C_IN ]----| MP1100-5-RV |----[ C_OUT ]---- Vout (5V) | GND | ``` --- ### 4. Typical Applications * **Industrial Automation:** Point-of-load (POL) regulation for PLCs. * **Networking:** Powering routers and switches from a 12V rail. * **Consumer Electronics:** Providing a stable 5V rail for USB ports or microcontrollers from a battery pack or wall adapter.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the input and output capacitors for the MP1100?
    • ⤷ How does the MP1100-5-RV handle thermal dissipation compared to discrete buck converters?
    • ⤷ Can the MP1100 series be used for adjustable output voltages
    • ⤷ or is it strictly fixed?