Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MP1602-A4-RX

  • AI
    The **MP1602-A4-RX** is an integrated receiver module commonly used in remote control systems, security devices, and wireless data transmission. It typically operates in the sub-GHz radio frequency (RF) spectrum (often 315MHz or 433MHz). --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics for this receiver module: | Parameter | Specification (Typical) | | :--- | :--- | | **Operating Voltage** | 3.3V to 5.0V DC | | **Operating Current** | 3mA - 5mA | | **Frequency** | 315MHz / 433.92MHz | | **Modulation Type** | ASK / OOK (Amplitude Shift Keying) | | **Sensitivity** | -105 dBm to -110 dBm | | **Output Type** | Digital (TTL Level) | --- ### 2. Main Electronic Components The module is comprised of several critical sections that handle the conversion of radio waves into digital data: #### A. The RF Front-End (Antenna & Filter) The circuit starts with an antenna input (often a solder pad labeled **ANT**). It uses an **LC Filter** (Inductor-Capacitor) to tune the receiver to the specific frequency and reject out-of-band noise. #### B. The Superheterodyne / Super-regenerative IC Most modern MP1602 modules use a high-integration CMOS chip. - **LNA (Low Noise Amplifier):** Boosts the weak incoming signal from the antenna. - **Mixer & Local Oscillator:** Converts the RF signal down to an Intermediate Frequency (IF). - **Data Slicer:** Converts the analog waveform into a clean square-wave digital signal. #### C. Passive Components - **Crystal Oscillator:** Provides a stable frequency reference for the internal clock. - **SMD Capacitors/Resistors:** Used for power supply decoupling (filtering noise) and setting the gain of the internal amplifiers. --- ### 3. Pinout Configuration The MP1602-A4-RX generally features a 4-pin or 5-pin interface: 1. **VCC:** Power Input (+5V typical). 2. **GND:** Ground. 3. **DATA/DO:** Digital output pin. This connects to a microcontroller (like Arduino) or a hardware decoder (like the PT2272). 4. **ANT:** Antenna connection (a 17cm wire is recommended for 433MHz). --- ### 4. Application Logic The module does not "decode" complex protocols by itself; it simply outputs the raw bitstream it receives. To make it functional, you must pair it with: * **Hardware Decoders:** Integrated circuits like the **PT2272** or **EV1527**. * **Software Decoding:** Using an MCU to measure pulse widths (e.g., using the `RCSwitch` library in Arduino).
    ✨ Follow-up Questions
    • ⤷ What is the ideal antenna length for the 433MHz version of this module?
    • ⤷ Can the MP1602-A4-RX decode rolling code signals natively?
    • ⤷ What is the maximum effective range of this receiver in an open field?