Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MP1603-AA-RX

  • AI
    ## Overview of the MP1603-AA-RX The **MP1603-AA-RX** belongs to a series of high-frequency, synchronous, rectified, step-down (Buck) switch-mode converters. These components are designed to provide a compact solution for power conversion in space-constrained electronic devices. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 2.3V to 5.5V | | **Output Current** | 3A (Typical) | | **Switching Frequency** | 1.1MHz to 2.4MHz (Internal) | | **Efficiency** | Up to 95% | | **Package Type** | SOT563 or QFN (Small Form Factor) | --- ### 2. Core Electronic Components & Architecture The internal architecture of the MP1603 consists of several critical electronic building blocks: 1. **Synchronous Rectifier (Internal MOSFETs):** Unlike standard buck converters that use an external Schottky diode, the MP1603 integrates high-side and low-side power MOSFETs. This reduces power loss and eliminates the need for an external diode. 2. **Internal Compensation:** It features internal loop compensation, which simplifies the PCB design by reducing the number of external resistors and capacitors needed to stabilize the circuit. 3. **Control Logic (COT Control):** It typically utilizes **Constant On-Time (COT)** control. This provides ultra-fast transient response, allowing the device to handle sudden changes in load without large voltage drops. 4. **Protection Circuitry:** * **Over-Current Protection (OCP):** Prevents damage during short circuits. * **Thermal Shutdown:** Shuts the device off if it exceeds safe operating temperatures. * **Under-Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough for stability. --- ### 3. Typical Application Circuit (BOM) To make the MP1603-AA-RX functional, the following external electronic parts are required: | Component | Function | Typical Value | | :--- | :--- | :--- | | **Input Capacitor ($C_{IN}$)** | Filters input noise and provides ripple current. | 10µF - 22µF Ceramic | | **Inductor ($L_1$)** | Stores energy during the switching cycle. | 0.47µH - 1.5µH | | **Output Capacitor ($C_{OUT}$)** | Smooths the output voltage. | 22µF - 47µF Ceramic | | **Feedback Resistors ($R_1, R_2$)** | Sets the specific output voltage level. | Calculated based on $V_{OUT}$ | --- ### 4. Part Number Breakdown: "AA-RX" * **AA:** Usually denotes the specific version or internal trim settings (such as default output voltage or frequency). * **RX:** Refers to the packaging format, typically signifying **Tape and Reel** for automated SMT (Surface Mount Technology) assembly. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the MP1603-AA-RX?
    • ⤷ How do I calculate the feedback resistor values for a 3.3V output?
    • ⤷ What are the thermal management requirements for this chip at 3A load?