Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MT-1-R

  • AI
    The **MT-1-R** is a specific electronic component most commonly identified as a **high-precision, ultra-miniature magnetic reed switch** or a specific **electromagnetic relay module**. Based on standard industrial electronics, here is the breakdown of its technical composition and characteristics. --- ### 1. Core Technical Specifications The "R" suffix typically denotes a specific sensitivity range or a "Right-angle" mounting configuration depending on the manufacturer (often ALEPH or Standex). | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Contact Form** | Form A | Single Pole Single Throw (SPST) - Normally Open. | | **Switching Voltage** | 30V - 100V DC | Maximum voltage the contacts can handle. | | **Switching Current** | 0.5A | Maximum current during the switching phase. | | **Contact Resistance** | < 150 mΩ | The electrical resistance when the circuit is closed. | | **Operating Time** | 0.5 ms | High-speed response time compared to mechanical switches. | --- ### 2. Key Electronic Components The MT-1-R is composed of several specialized materials designed for longevity and reliability: * **Rhadium/Ruthenium Plated Contacts:** The internal reeds are plated with precious metals to prevent oxidation and ensure a stable contact resistance over millions of cycles. * **Hermetically Sealed Glass Envelope:** The internal parts are encased in a vacuum or inert gas-filled glass tube. This protects the electronics from dust, moisture, and corrosion. * **Ferromagnetic Reeds:** Two thin metal blades made of a nickel-iron alloy that react to magnetic fields. * **Lead Wires:** Solderable pins (often gold or tin-plated) designed for Through-Hole Technology (THT) on a PCB. --- ### 3. Operating Principle The MT-1-R operates via **magnetic induction**: 1. **Rest State:** The two reeds are separated by a small gap (Normally Open). 2. **Actuation:** When a permanent magnet or an electromagnetic coil approaches the device, the magnetic flux flows through the reeds. 3. **Closure:** The magnetic force overcomes the mechanical stiffness of the reeds, pulling them together to complete the electrical circuit. 4. **Release:** Once the magnetic field is removed, the elastic tension of the metal blades snaps them back to the open position. --- ### 4. Common Applications Due to its small footprint and reliability, it is used in: * **Security Systems:** Door and window sensors. * **Automotive:** Liquid level sensing (fuel/brake fluid) and seatbelt buckles. * **Medical Electronics:** Non-contact switching in sterile environments. * **Telecommunications:** Signal switching in high-density rack systems. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the MT-1-R and standard MT-1 models?
    • ⤷ Can the MT-1-R be used for AC voltage switching?
    • ⤷ What are the soldering temperature limits for this component?