Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MT210-R

  • AI
    The **MT210-R** is typically associated with professional-grade remote control systems used in industrial automation, crane operations, and heavy machinery. It functions as a receiver unit designed to interface with manual controllers. --- ### Core Electronic Components The architecture of the MT210-R receiver is built for durability, signal integrity, and high-voltage switching. | Component Category | Key Parts / Functionality | | :--- | :--- | | **RF Module** | High-sensitivity transceiver (often 433MHz or 2.4GHz) with frequency hopping to avoid interference. | | **Microcontroller (MCU)** | Dual-processor architecture often used for safety redundancy (Watchdog timers). | | **Relay Board** | Heavy-duty electro-mechanical relays (typically rated 5A-10A) for direct load switching. | | **Power Supply** | AC/DC switching power supply module (Supports wide input ranges like 48V–440V AC). | | **Antenna Interface** | Internal or external SMA connector for signal reception optimization. | --- ### Technical Specifications (Typical) Below are the electronic parameters common to this class of industrial receiver: 1. **Input Voltage:** 24V DC or 48V/110V/220V/380V AC. 2. **Safety Logic:** Integrated E-Stop (Emergency Stop) circuit with forced-disconnect relays. 3. **Output Channels:** Usually supports 8 to 12 programmable relay outputs. 4. **Enclosure Protection:** IP65 or IP66 rated housing to protect electronics from dust and moisture. 5. **LED Diagnostics:** Onboard status LEDs for Power, Signal Link, and Relay Activation. --- ### Functional Block Diagram Description * **Input Stage:** Filters incoming power and protects against surges (using MOVs - Metal Oxide Varistors). * **Decoding Stage:** The MCU decrypts the proprietary digital telegram sent by the transmitter. It checks for a unique "System ID" to ensure no cross-talk with other machines. * **Output Stage:** Once a command is validated, the MCU triggers a transistor (usually a Darlington pair or MOSFET) that energizes the specific relay coil. --- ### Maintenance Note The most common failure points in these electronic units are: * **Contact Pitting:** Over time, the silver contacts inside the relays can wear out from high-current switching. * **Capacitor Aging:** In the power supply section, electrolytic capacitors may dry out after 5-10 years of continuous use.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the MT210-R relay board?
    • ⤷ How do I pair a new transmitter with an MT210-R receiver?
    • ⤷ Does the MT210-R support CANbus or only relay outputs?