Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MUWT024B3-R/Q

  • AI
    The **MUWT024B3-R/Q** is a high-precision, industrial-grade ultrasonic sensor module. These components are primarily used in automation for distance measurement, object detection, and level sensing. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Component Overview This module belongs to the ultrasonic transducer family, specifically designed for reliability in varying environmental conditions. | Feature | Specification | | :--- | :--- | | **Part Type** | Ultrasonic Transducer / Sensor Module | | **Frequency** | Typically 40 kHz (standard for industrial air-coupled sensors) | | **Beam Angle** | Narrow to Medium (approx. 60° to 80°) | | **Housing Material** | Aluminum or high-grade polymer (R/Q series usually indicates Rugged/Quality) | | **Operating Voltage** | Generally 5V to 12V DC (depending on the driver circuit) | --- ### 2. Internal Electronic Architecture The "Electronic Parts" of this device consist of the following internal stages: 1. **Piezoelectric Ceramic Disk:** The core component. It converts electrical energy into mechanical vibrations (ultrasonic waves) and vice-versa. 2. **Matching Layer:** A specialized material layer that bridges the acoustic impedance between the ceramic disk and the air to maximize signal transmission. 3. **Damping Material:** Placed behind the ceramic to reduce "ringing" (residual vibration), allowing the sensor to detect objects at shorter distances. 4. **Signal Interface:** The pins or leads used to connect to a microcontroller (MCU) or a dedicated ultrasonic driver IC. --- ### 3. Pin Configuration & Connectivity Most modules in the MUWT series follow a standard interface structure: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | Connects to the positive rail (usually 5V). | | **GND** | Ground | Common reference point. | | **Trig (Input)** | Trigger Pulse | A 10µs pulse starts the ultrasonic burst. | | **Echo (Output)** | Pulse Width Output | The duration of the high signal corresponds to the distance. | --- ### 4. Key Performance Characteristics * **Sensitivity:** High sensitivity allows for detection of soft objects or thin wires. * **Temperature Compensation:** Many "R/Q" variants include or require an external thermistor to adjust for the speed of sound changes in different temperatures. * **Environmental Protection:** The "R" in the suffix often denotes a water-resistant or dust-proof design, making it suitable for outdoor use. --- ### 5. Application Circuit Example To use this part, you typically interface it with an Arduino or PLC using a simple pulse-timing logic. ```cpp // Basic Logic for Ultrasonic Measurement long duration; int distance; digitalWrite(trigPin, LOW); delayMicroseconds(2); digitalWrite(trigPin, HIGH); delayMicroseconds(10); digitalWrite(trigPin, LOW); duration = pulseIn(echoPin, HIGH); distance = duration * 0.034 / 2; // Speed of sound calculation ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range of the MUWT024B3-R/Q?
    • ⤷ Does this sensor require a specific driver IC for operation?
    • ⤷ What is the IP rating for the 'R' ruggedized version?