Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MV14V3CD-R

  • AI
    The **MV14V3CD-R** is a specialized electronic component, typically identified as a **high-voltage, high-capacitance ceramic capacitor** or a specific **Varistor/MOV (Metal Oxide Varistor)** depending on the manufacturer’s internal coding (often associated with brands like Maida or generic industrial power suppliers). Below is an analysis of its electronic characteristics and construction. --- ### 1. Technical Specifications Based on standard industrial naming conventions for this series, here are the typical technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Varistor / Capacitor | Protective or filtering element. | | **Voltage Rating** | 14V to 15V | The nominal operating or clamping voltage. | | **Diameter** | 14mm | The "14" in the prefix usually denotes the disc diameter. | | **Tolerance** | ±10% to ±20% | Standard deviation from nominal value. | | **Mounting Type** | Through-hole | Radial leads for PCB mounting. | | **Material** | Ceramic/Metal Oxide | High thermal stability and insulation. | --- ### 2. Key Electronic Functions If this part is functioning as a **Varistor (MOV)**, its primary roles are: * **Voltage Clamping:** It protects sensitive downstream circuits by "clamping" voltage spikes (surges) to a safe level. * **Transient Suppression:** It absorbs energy from electrostatic discharges (ESD) or inductive load switching. * **Non-Linear Resistance:** It maintains high resistance during normal operation but drops to low resistance when the threshold voltage is exceeded. --- ### 3. Physical Construction The part is engineered to withstand harsh electrical environments: 1. **Ceramic Disc:** The core "sensing" element that reacts to voltage changes. 2. **Silver Electrodes:** Applied to both sides of the disc for electrical contact. 3. **Epoxy Coating:** A flame-retardant (usually UL 94 V-0 rated) coating that protects against moisture and arcing. 4. **Copper Leads:** Tinned copper wires for soldering onto a Printed Circuit Board (PCB). --- ### 4. Circuit Symbol and Implementation In a circuit diagram, these parts are usually placed in parallel with the power supply line or the component being protected. ```text Line (+) -----------+----------- (Load) | [Part] <-- MV14V3CD-R | Neutral (-) --------+----------- (Load) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the peak surge current rating for a 14mm varistor?
    • ⤷ How do I test if an MV14V3CD-R is still functional using a multimeter?
    • ⤷ Can this component be used in AC power supplies or is it strictly for DC?