Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MV25T2CD-R

  • AI
    ## Overview of MV25T2CD-R The **MV25T2CD-R** is a specific model of a **Medium Voltage (MV) Soft Starter**, typically associated with industrial motor control systems. These devices are designed to accelerate and decelerate three-phase induction motors by controlling the voltage applied to them, reducing mechanical stress and electrical surges. --- ### Core Electronic Components The internal architecture of an MV soft starter like the MV25T2CD-R consists of several critical electronic subsystems: | Component Category | Part Type | Function | |:---|:---|:---| | **Power Semiconductors** | SCRs (Thyristors) | The heart of the device. Arranged in anti-parallel pairs to control the AC waveform. | | **Control Board** | Microprocessor/DSP | Processes inputs and generates firing pulses for the SCRs. | | **Isolation Layer** | Fiber Optic Links | Provides electrical isolation between high-voltage power components and low-voltage control circuits. | | **Protection Units** | CTs (Current Transformers) | Monitors current flow for overload and short-circuit protection. | | **Bypass Contactor** | Vacuum Contactor | Bridges the SCRs once the motor reaches full speed to reduce heat and energy loss. | --- ### Technical Specifications Breakdown The alphanumeric code "MV25T2CD-R" generally maps to the following technical characteristics: 1. **MV (Medium Voltage):** Indicates the operating range, usually between **2.3kV and 15kV**. 2. **Current Rating:** The "25" often refers to a rated current capacity (e.g., 250A or a specific multiplier depending on the manufacturer's nomenclature). 3. **Control Features:** * **Soft Start/Stop:** Prevents water hammer in pumps and belt slippage in conveyors. * **Kickstart:** Provides a brief pulse of higher torque for high-friction loads. 4. **Enclosure/Mounting (R):** Often indicates a specific chassis type or "Remote" monitoring capability. --- ### Critical Electronic Functions #### 1. Phase Angle Control The electronic control board uses a technique called **Phase Angle Triggering**. By delaying the "firing" point of the SCRs in each half-cycle, the RMS voltage delivered to the motor is gradually increased from a starting level to full line voltage. #### 2. Fiber Optic Firing Because the power section operates at several thousand volts, the control signals are sent via **fiber optic cables**. This prevents high-voltage spikes from traveling back into the sensitive microelectronics of the control panel, ensuring operator safety and hardware longevity. #### 3. Integrated Thermal Modeling The electronics include a mathematical model of the motor's thermal state. It calculates the heat generated based on current draw over time, providing more accurate protection than standard mechanical thermal relays. ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes for the SCRs in this model?
    • ⤷ How does the fiber optic isolation improve safety in MV applications?
    • ⤷ What is the recommended maintenance schedule for the vacuum bypass contactor?