Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MV65V3AD-R

  • AI
    The **MV65V3AD-R** is a specific model of a **Television Main Board** (also known as a Motherboard or Scaler Board), commonly found in budget-friendly LED TVs (often sizes 32" to 55"). It is a universal-style board used by various OEMs. --- ## 1. Technical Specifications The board serves as the "brain" of the television, converting input signals into image data for the panel and audio for the speakers. | Component | Specification | | :--- | :--- | | **Main Chipset** | MStar (commonly MSD series) | | **Panel Interface** | LVDS (typically 30-pin or 51-pin) | | **Supported Resolution** | Up to 1920 x 1080 (FHD) | | **Power Input** | 12V DC or Integrated Power Supply (depending on sub-version) | | **Backlight Output** | Constant current driver integrated | | **Audio Output** | 2 x 8W or 2 x 5W (8 Ohms) | --- ## 2. Key Electronic Sections The MV65V3AD-R is divided into several functional blocks: ### A. Power Management * **DC-DC Converters:** Buck converters that step down the main voltage to 5V (USB/Logic), 3.3V (EEPROM/MCU), and 1.2V (Core). * **LDO Regulators:** Low-dropout regulators provide stable, low-noise voltage to the tuner and audio processing circuits. ### B. Signal Input/Output * **HDMI Ports:** Digital signal processing for video and audio. * **VGA/PC Audio:** Analog inputs for computer connections. * **Tuner:** The RF section that decodes over-the-air (OTA) television signals. * **USB Port:** Used for media playback and **Firmware updates**. ### C. Display & Backlight * **LVDS Connector:** Sends Differential Signaling to the T-CON board or directly to the LCD panel. * **LED Driver Circuit:** A boost converter that increases voltage to drive the LED backlight strips. It usually features a PWM (Pulse Width Modulation) pin for brightness control. --- ## 3. Firmware and Software This board relies on specialized firmware stored in an **SPI Flash IC** (usually an 8-pin chip like the 25Q64). * **Service Menu Access:** Often accessed via the remote using sequences like `Menu + 1147` or `Source + 2580`. * **Resolution Settings:** The firmware must match the specific LCD panel's resolution and bit-depth (6-bit vs 8-bit). --- ## 4. Common Failure Points If you are troubleshooting this board, check these areas: 1. **Electrolytic Capacitors:** Often fail due to heat, causing the TV to be stuck in standby or have no power. 2. **EEPROM Corruption:** The TV may hang on the logo screen or cycle on/off; this requires reflashing the firmware via a CH341A programmer. 3. **Backlight MOSFET:** If there is sound but no picture (flashlight test shows an image), the boost circuit on the board may have blown a diode or MOSFET.
    ✨ Follow-up Questions
    • ⤷ How can I enter the service menu for the MV65V3AD-R?
    • ⤷ What is the procedure for updating the firmware via USB?
    • ⤷ Where can I find the datasheet for the integrated LED driver on this board?