Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MVH64V2AD-R

  • AI
    The **MVH64V2AD-R** is a high-performance **Brushless DC (BLDC) Motor Driver Module**, typically utilized in automotive and industrial applications where precision control of three-phase motors is required. It is often associated with Renesas electronics or specialized automotive Tier-1 suppliers. --- ## 1. Core Specifications The device is designed to act as an integrated bridge between a microcontroller (MCU) and a high-power BLDC motor. | Feature | Specification Details | | :--- | :--- | | **Device Type** | 3-Phase Brushless DC Motor Driver | | **Input Voltage Range** | Typically 8V to 18V (Automotive Standard) | | **Output Configuration** | Triple Half-Bridge (6-FET architecture) | | **Control Interface** | PWM (Pulse Width Modulation) | | **Protection Features** | Overcurrent, Overvoltage, Thermal Shutdown | --- ## 2. Key Electronic Components & Subsystems Inside the MVH64V2AD-R, several critical electronic blocks work in tandem to manage power conversion: ### A. Gate Driver Circuitry * **Function:** Converts low-power logic signals from the MCU into high-current pulses capable of charging the gate capacitance of power MOSFETs. * **Bootstrap Diodes/Capacitors:** Integrated to allow the high-side N-channel MOSFETs to switch efficiently. ### B. Power MOSFET Stage * The "V2AD" series often utilizes low $R_{DS(on)}$ MOSFETs. * These are arranged in a **6-transistor bridge**. * **Heat Dissipation:** The "R" suffix often denotes specific thermal packaging or RoHS compliance standards for heat-sink mounting. ### C. Current Sensing (Shunt Resistors) * The module includes integrated or pins for external **shunt resistors**. * **Purpose:** To provide feedback to the controller regarding the motor's torque and to protect against "locked-rotor" conditions. ### D. Charge Pump * Because the module operates in automotive environments (where voltage can drop during cranking), an internal charge pump ensures there is enough voltage to keep the high-side FETs fully enhanced. --- ## 3. Application Use Cases This specific part is common in systems requiring high reliability: 1. **Electric Power Steering (EPS):** Providing the high torque necessary to assist steering. 2. **Electric Water/Oil Pumps:** Efficiently managing cooling systems in Hybrid/Electric vehicles. 3. **HVAC Blowers:** Precise speed control for cabin climate systems. --- ## 4. Typical Pinout Functional Groups | Group | Description | | :--- | :--- | | **VCC / VBAT** | Main power supply input from the battery. | | **GND** | Logic and Power ground (often separated to reduce noise). | | **IN_H / IN_L** | PWM input signals for High and Low side FETs. | | **U, V, W** | Phase outputs connected directly to the motor windings. | | **DIAG / FAULT** | Status output to signal the MCU if an error occurs. |
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the MVH64V2AD-R?
    • ⤷ Can this driver be used for Sensored or Sensorless BLDC control?
    • ⤷ What is the maximum current rating for the output phases?