Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • MXAP-S3A-R3

  • AI
    The **MXAP-S3A-R3** is a specialized electronic component commonly found in industrial control systems, specifically serving as a **magnetic sensor or actuator interface** (often associated with pneumatic/hydraulic cylinders or position feedback systems). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This component functions primarily as a magnetic proximity switch. It detects the presence of a magnetic field (usually from a piston magnet) to signal a specific position. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Reed Switch or Solid State (Magnetic) | | **Wiring System** | 3-Wire System | | **Output Type** | NPN or PNP (Model dependent, usually NPN for -R3) | | **Operating Voltage** | 5V to 24V DC | | **Load Current** | 5mA to 50mA | | **Indicator** | LED (Red or Green for state detection) | | **Response Time** | < 1ms | --- ## 2. Electronic Internal Components The "R3" designation often refers to the internal protection and wiring configuration: ### A. The Sensing Element * **Magneto-resistive Element:** Uses a small semiconductor that changes resistance in the presence of a magnetic field. * **Protection Diode:** Includes a flyback diode to prevent damage from inductive kicks when switching small relays. ### B. Output Logic (3-Wire System) Unlike 2-wire sensors, the 3-wire MXAP-S3A-R3 separates the power supply from the output signal. 1. **Brown Wire:** Positive Power Supply (+V). 2. **Blue Wire:** Negative Power Supply (0V/GND). 3. **Black Wire:** Output Signal (Load connection). ### C. Signal Conditioning The internal circuitry includes a **Schmitt Trigger**. This ensures that the output signal is a clean "On/Off" (Square wave) rather than a noisy analog signal as the magnet approaches. --- ## 3. Circuit Application When integrating this part into a circuit, it is typically connected to a **PLC (Programmable Logic Controller)** or a microcontroller. ```arduino // Example Logic for Microcontroller Integration // Brown -> 5V-24V // Blue -> GND // Black -> Digital Input (with Pull-up resistor if NPN) void setup() { pinMode(SENSOR_PIN, INPUT_PULLUP); } void loop() { bool isDetected = digitalRead(SENSOR_PIN); if (isDetected == LOW) { // Magnetic field detected } } ``` --- ## 4. Key Considerations for Implementation * **Mounting Polarity:** Electronic magnetic sensors are sensitive to the "North/South" orientation of the magnet. * **Voltage Drops:** Ensure the internal LED voltage drop (usually ~1.5V to 2V) is accounted for if running on low-voltage logic (like 3.3V). * **Environmental Protection:** These parts are usually rated **IP67**, making them resistant to water and oil splash in factory environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2-wire and 3-wire versions of this sensor?
    • ⤷ How do I troubleshoot an MXAP-S3A-R3 that is not triggering?
    • ⤷ What are the specific mounting requirements for magnetic piston sensors?