NCD682C2KVY5PC2LSTR25LSF
AI

The part number **NCD682C2KVY5PC2LSTR25LSF** refers to a high-voltage ceramic disc capacitor. These components are commonly used for decoupling, bypass, and snubbing applications in high-voltage power supplies and lighting ballasts.
---
### Technical Specifications Breakdown
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 6800 pF (6.8nF) | The amount of charge the capacitor can store. |
| **Capacitance Code** | 682 | 68 followed by 2 zeros (6800). |
| **Voltage Rating** | 2000V (2kV) | Maximum DC voltage the part can handle safely. |
| **Dielectric Type** | Y5P | Temperature coefficient (±10% change from -30°C to +85°C). |
| **Tolerance** | C (±0.25pF) / K (±10%) | Usually ±10% for this capacitance range. |
| **Mounting Type** | Through-Hole | Radial leaded design. |
| **Packaging** | Tape & Reel (TR) | Supplied on a reel for automated assembly. |
---
### Key Component Features
1. **High Voltage Stability:** Designed to operate at 2kV, making it suitable for AC line filtering and protecting circuits against voltage surges.
2. **Y5P Dielectric:** This is a Class II ceramic material. It offers high volumetric efficiency (more capacitance in a smaller size) but has a moderate non-linear temperature sensitivity compared to C0G/NP0 materials.
3. **Construction:** Ceramic disc capacitors consist of a ceramic wafer with metallic electrodes deposited on both sides. The entire assembly is encapsulated in a flame-retardant epoxy resin.
### Common Applications
* **Switch Mode Power Supplies (SMPS):** Used in the primary side for snubbing high-frequency noise.
* **Lighting Ballasts:** Found in LED drivers and HID lighting systems.
* **EMI/RFI Filtering:** Suppressing electromagnetic interference in high-voltage lines.
* **DC-DC Converters:** Providing decoupling for high-voltage rails.
### Schematic Representation
```text
C1
----||----
6.8nF
2000V
```
---
- ⤷What is the difference between Y5P and Y5U dielectrics in capacitors?
- ⤷ Can this capacitor be used in AC applications as a safety-rated (X/Y) part?
- ⤷ How does temperature affect the capacitance of this specific component?