AI

## Overview of the NET2282
The **NET2282** is a PCI to USB 2.0 High-Speed Peripheral Controller manufactured by PLX Technology (now part of Broadcom). It is designed to allow hardware designers to easily add a USB 2.0 interface to systems that already possess a local bus or PCI interface.
---
### 1. Key Technical Specifications
The NET2282 functions as a bridge, translating data between a standard parallel bus and the USB serial protocol.
| Feature | Specification |
| :--- | :--- |
| **USB Version** | USB 2.0 Hi-Speed (480 Mbps) |
| **Interface** | 32-bit / 33MHz PCI Interface (or 16-bit Local Bus) |
| **Endpoints** | Up to 6 configurable endpoints |
| **FIFO Memory** | 8 KB of internal RAM for buffering |
| **Power Supply** | 3.3V I/O with 1.8V Core (typically integrated regulator) |
| **Package** | 120-pin TQFP |
---
### 2. Core Functional Blocks
To understand the electronic operation, the chip is divided into several internal functional areas:
* **USB Transceiver (PHY):** The physical layer that handles the high-speed differential signaling ($D+$ and $D-$). It includes the pull-up/pull-down resistors required for USB enumeration.
* **Serial Interface Engine (SIE):** The logic that manages the USB protocol, including packet framing, CRC checking, and handshaking.
* **DMA Controller:** A high-performance DMA engine that allows data to move between the USB endpoints and the PCI/Local bus without constant CPU intervention.
* **Endpoint Buffers:** The 8 KB internal RAM is used to store incoming and outgoing data packets, ensuring the system can handle bursts of traffic.
---
### 3. Pinout and Connection Groups
The 120 pins of the NET2282 are categorized into specific functional groups:
#### A. Local Bus / PCI Interface
These pins connect to the host processor or FPGA.
* **AD[31:0]:** Address and Data multiplexed lines.
* **CONTROL:** Signals like `CS#` (Chip Select), `RD#` (Read), and `WR#` (Write).
* **IRQ:** Interrupt request line to signal the host when data is ready.
#### B. USB Interface
* **DP / DM:** The differential pair for USB communication.
* **RPU:** Connection for an external precision resistor to calibrate the internal PHY.
#### C. Power and Ground
* **VDD33:** 3.3V Power for I/O buffers.
* **VDD18:** 1.8V Power for the internal logic core.
* **VSS:** Common ground.
---
### 4. Typical Application Circuit
When integrating the NET2282 into a PCB design, the following electronic components are usually required:
1. **Crystal Oscillator:** A 30 MHz crystal is required to provide the clock reference for the USB PLL.
2. **Decoupling Capacitors:** 0.1µF and 10µF capacitors placed close to the VDD pins to filter high-frequency noise.
3. **Termination Resistors:** Specific resistors on the DP/DM lines (though many are integrated, external precision resistors are often used for calibration).
---
### 5. Programming Model
From an electronic control perspective, the NET2282 appears to the host as a set of **Registers**. The developer writes to these registers to:
* Set the USB Address.
* Enable/Disable specific Endpoints.
* Configure the DMA transfer size.
* Monitor for "Bus Reset" or "Suspend" states.
- ⤷
What are the main differences between the NET2282 and the NET2272?
- ⤷ How does the DMA engine in the NET2282 improve data throughput?
- ⤷ Can the NET2282 be used in a USB Host mode
- ⤷ or is it strictly for peripherals?