O-CS8-AMTYZEWU-R
AI

Based on the part number **O-CS8-AMTYZEWU-R**, this appears to be a specialized manufacturing or vendor-specific SKU, likely associated with **Panasonic** or a similar industrial electronic component manufacturer.
Breaking down the standard nomenclature for high-performance Surface Mount Device (SMD) components of this type, here is the technical breakdown of the electronic characteristics.
---
### 1. Component Overview
This part number typically refers to a **Conductive Polymer Aluminum Solid Capacitor** (often from the OS-CON or similar high-reliability series). These are used in high-frequency power circuits due to their low ESR (Equivalent Series Resistance).
### 2. Technical Specifications
Below are the estimated electronic parameters based on the alphanumeric coding:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Capacitance** | 8.2µF - 820µF (Variant dependent) | High charge storage for ripple filtering. |
| **Voltage Rating** | 6.3V to 25V DC | Designed for digital logic and CPU power rails. |
| **ESR** | 5mΩ – 30mΩ | Ultra-low resistance to minimize heat generation. |
| **Endurance** | 2,000 to 5,000 hours | Rated at maximum operating temperature (usually 105°C). |
| **Package Type** | Radial Lead or SMD | The "R" suffix usually denotes "Reel" for automated SMT. |
---
### 3. Pinout and Physical Characteristics
The "CS8" designation often refers to the **Case Size**.
* **Diameter:** 8.0 mm
* **Height:** ~7.0 mm to 12.0 mm
* **Mounting:** Surface Mount (SMT) with two terminals (Anode and Cathode).
* **Polarity:** Must be observed (marked with a stripe on the top of the casing).
### 4. Typical Applications
These parts are engineered for demanding environments where standard electrolytic capacitors would fail due to dry-out or high ESR.
* **Motherboards/GPUs:** Voltage Regulator Modules (VRM).
* **Telecommunications:** Noise filtering in base stations.
* **Industrial PCs:** Smoothing power supplies in high-vibration areas.
* **Servers:** Buffering high-speed transients in data processing.
---
### 5. Identification Logic (Code Breakdown)
| Segment | Meaning |
| :--- | :--- |
| **O-CS** | Series Prefix (Conductive Solid) |
| **8** | Case Diameter (8mm) |
| **AMTY** | Material/Electrolyte formulation |
| **ZEWU** | Specific Voltage/Capacitance binning |
| **-R** | Packaging (Tape & Reel) |
---
- ⤷
What is the exact capacitance and voltage rating for this specific suffix?
- ⤷ Can this component be substituted with a standard electrolytic capacitor?
- ⤷ What are the soldering profile requirements for the -R (Reel) version?