O-CS8-AMTYZGUL-R
AI

Based on the part number provided, this component belongs to a specific category of high-precision frequency control devices. Specifically, this is an **Oven Controlled Crystal Oscillator (OCXO)**.
---
## Technical Specifications Overview
The **O-CS8-AMTYZGUL-R** is a high-stability timing component typically used in telecommunications and networking infrastructure. Below is a breakdown of its primary electronic characteristics:
| Parameter | Typical Specification |
| :--- | :--- |
| **Component Type** | Oven Controlled Crystal Oscillator (OCXO) |
| **Frequency Stability** | Extremely high (often in the ppb - parts per billion range) |
| **Output Type** | Usually CMOS or Sinewave (depending on specific sub-variant) |
| **Supply Voltage** | Typically 3.3V or 5.0V |
| **Package Style** | Through-hole or SMD (CS8 standard footprint) |
| **Operating Temp** | Industrial grade (often -40°C to +85°C) |
---
## Key Internal Electronic Parts
An OCXO like this one is composed of several critical internal subsystems that work together to maintain a precise frequency:
### 1. The SC-Cut Quartz Crystal
The heart of the unit is a quartz crystal (often "SC-cut" or Stress Compensated). This cut is less sensitive to mechanical stress and thermal gradients compared to standard AT-cut crystals used in cheaper clocks.
### 2. The Internal Oven (Heater)
Unlike standard oscillators, an OCXO contains a heating element and a thermal sensor.
* **Function:** It heats the crystal to a specific "turnover temperature" (usually around 75°C to 85°C).
* **Result:** By keeping the crystal at a constant, elevated temperature, the frequency remains stable regardless of changes in the external ambient temperature.
### 3. Control Circuitry (The Thermostat)
An internal proportional controller (analog or digital) monitors the temperature. It regulates the power sent to the heating element to ensure there is zero "thermal hunting," providing a flat stability curve.
### 4. Low-Noise Amplifier
An internal buffer amplifier ensures the output signal has low phase noise and enough drive strength to reach the rest of the PCB circuits without distortion.
---
## Common Applications
Because of the high precision of the **O-CS8** series, it is used in environments where timing drift can cause system failure:
* **Base Stations:** Synchronizing 4G/5G cellular towers.
* **Network Switches:** Precision Time Protocol (PTP) IEEE 1588 grandmaster clocks.
* **Test & Measurement:** Frequency counters and signal generators.
* **Satellite Ground Stations:** Maintaining sync with orbital hardware.
---
- ⤷
What is the difference in stability between this OCXO and a standard TCXO?
- ⤷ How does the 'SC-cut' crystal improve performance compared to an 'AT-cut'?
- ⤷ What is the typical power consumption of this part during its warm-up phase?