Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • OA2AS20-R01

  • AI
    The **OA2AS20-R01** is a high-performance, single-axis analog MEMS (Micro-Electro-Mechanical Systems) inclinometer/accelerometer module. It is commonly used in industrial automation, construction machinery, and structural health monitoring. --- ## 1. Technical Specifications Below is a breakdown of the primary electronic parameters: | Feature | Specification | | :--- | :--- | | **Model** | OA2AS20-R01 | | **Axis** | Single Axis (typically X or Y) | | **Measurement Range** | ±20° (Full scale) | | **Output Signal** | 4-20mA (Current Loop) | | **Resolution** | 0.01° | | **Supply Voltage** | 9V to 36V DC | | **Operating Temperature** | -40°C to +85°C | | **Protection Rating** | IP67 (Waterproof/Dustproof) | --- ## 2. Key Electronic Components & Design ### A. MEMS Sensor Core At the heart of the device is a **capacitive MEMS sensor**. It consists of a micro-machined mass suspended by silicon springs. When the device tilts, gravity pulls the mass, changing the capacitance between the mass and fixed electrodes. ### B. Signal Conditioning Circuit (ASIC) The raw capacitive change is processed by an internal Application Specific Integrated Circuit (ASIC). This chip performs: * **A/D Conversion:** Converts the analog mechanical movement into a digital signal. * **Temperature Compensation:** Corrects for drift caused by thermal changes. * **Linearization:** Ensures the output is proportional to the sine of the angle. ### C. 4-20mA Current Loop Transmitter The "R01" variant typically signifies a specific wiring or interface style. The **4-20mA output** is highly valued in industrial settings because: * It is immune to electrical noise over long cable distances. * It allows for "live zero" detection (if the current drops to 0mA, the system knows there is a wire break). --- ## 3. Wiring and Pinout (Standard) The device usually features a 4-pin or 5-pin industrial connector (e.g., M12). | Wire Color/Pin | Function | Description | | :--- | :--- | :--- | | **Red / Pin 1** | VCC | Positive Power Supply (9-36V) | | **Black / Pin 2** | GND | Power Ground | | **Yellow / Pin 3** | Out | 4-20mA Signal Output | | **Green / Pin 4** | COM | Signal Common | --- ## 4. Operational Principles 1. **Gravity Sensing:** The sensor measures the component of gravity acting on the sensitive axis ($g \cdot \sin(\theta)$). 2. **Output Mapping:** * **-20°:** Corresponds to **4mA**. * **0°:** Corresponds to **12mA**. * **+20°:** Corresponds to **20mA**. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero point of the OA2AS20-R01?
    • ⤷ What is the maximum cable length supported for the 4-20mA output?
    • ⤷ Can this sensor be used in high-vibration environments?