Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • OR2-A-R

  • AI
    The **OR2-A-R** is a specific part number typically associated with **Solid State Relays (SSRs)** or high-performance **Optical Isolators/Relays** manufactured by companies like *Cosmo Electronics* or similar industrial component suppliers. Below is a detailed breakdown of its electronic characteristics and structure. --- ## 1. Component Overview The OR2-A-R is a **PhotoMOS / Solid State Relay** designed to replace traditional electromechanical relays. It uses an LED on the input side and a MOSFET on the output side to provide electrical isolation while switching loads. ### Key Specifications | Parameter | typical Value | | :--- | :--- | | **Contact Form** | 1 Form A (Normally Open) | | **Isolation Voltage** | 3,750V to 5,000V AC | | **Load Voltage** | Up to 60V (Varies by sub-series) | | **Load Current** | 400mA to 500mA | | **Package Style** | 4-Pin DIP or SMD | | **RoHS Compliant** | Yes (Indicated by the "R" suffix) | --- ## 2. Internal Block Diagram The device consists of three main stages: 1. **Input Stage:** An Infrared LED that converts electrical signals into light. 2. **Isolation Barrier:** A clear silicone or resin layer that prevents high voltage from jumping from the output to the input. 3. **Output Stage:** A Photodiode array that generates a voltage when hit by light, which then triggers a pair of **MOSFETs** to allow current flow. --- ## 3. Pin Configuration For a standard 4-pin OR2-A-R package: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Anode (+) | Input LED positive terminal | | **2** | Cathode (-) | Input LED negative terminal | | **3** | Drain/Source | Output terminal (Load) | | **4** | Drain/Source | Output terminal (Load) | --- ## 4. Advantages of the OR2-A-R Compared to mechanical relays, this electronic part offers several benefits: * **No Contact Bounce:** Since there are no moving parts, there is no electrical noise from physical contacts. * **High Speed:** Switching times are measured in microseconds ($\mu s$). * **Long Life:** It does not suffer from contact wear or oxidation. * **Low Power Consumption:** Can be driven directly by microcontrollers (TTL/CMOS compatible). --- ## 5. Typical Applications * **Telecommunications:** Hook switching and ring detection. * **Industrial Control:** High-speed signal switching in PLCs. * **Medical Equipment:** Patient monitoring systems requiring high isolation. * **Data Acquisition:** Multiplexing sensor inputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the OR2-A-R?
    • ⤷ Can this component handle AC loads or only DC?
    • ⤷ What is the recommended series resistor value for the input LED?