Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • OSC-S7-RTC

  • AI
    The **OSC-S7-RTC** is an integrated circuit module designed for high-precision timekeeping. It typically combines a Real-Time Clock (RTC) controller with a built-in crystal oscillator (OSC) in a single surface-mount package. --- ## 1. Core Electronic Components The "OSC" in the name signifies that the **32.768 kHz quartz crystal** is integrated inside the package, which eliminates the need for external load capacitors and reduces frequency deviation caused by PCB stray capacitance. ### Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Nominal Frequency** | 32.768 kHz | | **Supply Voltage (Vdd)** | 1.5V to 5.5V | | **Current Consumption** | ~0.8µA to 1.5µA (Standby mode) | | **Interface Type** | I2C (Inter-Integrated Circuit) | | **Frequency Tolerance** | ±5ppm to ±20ppm (at 25°C) | | **Package Type** | SMT (Surface Mount Technology) | --- ## 2. Pin Configuration and Functions The device usually features a small footprint (such as a 4-pin or 8-pin SMD). Below are the standard electronic connections: 1. **VCC / VDD:** Main power supply pin. 2. **GND:** System ground. 3. **SCL (Serial Clock):** Used to synchronize data transfer over the I2C bus. 4. **SDA (Serial Data):** Bi-directional line for sending time/date data. 5. **SQW / INT (Optional):** Square Wave output or Interrupt signal for alarms. --- ## 3. Key Electronic Features ### A. Integrated Temperature Compensation Many S7-series RTCs feature **TCXO** (Temperature Compensated Crystal Oscillator) logic. This adjusts the clock rate based on ambient temperature to prevent the clock from "drifting" (gaining or losing seconds) as the environment gets hotter or colder. ### B. Backup Power Switching The circuitry includes an internal power-switch. When the main system power (Vdd) fails, the chip automatically switches to a backup source (like a CR2032 coin cell or a supercapacitor) to maintain timekeeping. ### C. Register Map The internal memory is organized into registers that store: * **Time:** Seconds, Minutes, Hours (12/24h format). * **Calendar:** Day, Date, Month, Year (including leap year compensation). * **Alarms:** Programmable registers to trigger external interrupts. --- ## 4. Implementation Example (C++ Pseudo-code) To interact with the electronic registers via a microcontroller: ```cpp #include #define RTC_ADDRESS 0x68 // Common I2C address for RTCs void setup() { Wire.begin(); // Start the oscillator and set time Wire.beginTransmission(RTC_ADDRESS); Wire.write(0x00); // Start at Register 0 Wire.write(0x00); // Reset seconds and start OSC Wire.endTransmission(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the integrated crystal improve accuracy compared to an external one?
    • ⤷ What is the typical battery life for an OSC-S7-RTC in standby mode?
    • ⤷ Can this module handle leap year calculations automatically?