Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • OT2-4W-R

  • AI
    The **OT2-4W-R** is an optical transmitter module typically used in Fiber-to-the-Home (FTTH) and CATV distribution networks. Its primary function is to convert high-frequency electrical Radio Frequency (RF) signals into optical signals for transmission over fiber optic cables. --- ### Key Electronic Components and Specifications The device is built using several critical electronic sub-systems to ensure signal integrity and low distortion. | Component Type | Description | Purpose | | :--- | :--- | :--- | | **Laser Diode** | High-linearity DFB (Distributed Feedback) Laser | Converts RF current into light pulses at 1310nm or 1550nm. | | **RF Amplifier** | Low-noise GaAs (Gallium Arsenide) module | Amplifies incoming CATV signals while maintaining low distortion. | | **AGC Circuit** | Automatic Gain Control | Stabilizes the output signal despite fluctuations in input RF levels. | | **Microprocessor** | On-board MCU | Monitors temperature, laser bias current, and optical output power. | | **Power Supply** | Switching Power Supply (SMPS) | Converts AC mains to stable DC voltages for internal electronics. | --- ### Technical Performance Metrics The "4W" in the model name usually refers to the **Optical Output Power** (4mW), and the "R" often signifies **Return Path** or **Rack-mount** capability depending on the specific manufacturer series. #### 1. Signal Processing * **Frequency Range:** Typically 45MHz to 1000MHz (covering standard cable TV and digital data bands). * **Flatness:** Maintains a consistent gain across the entire frequency spectrum (usually $\pm 0.75$ dB). #### 2. Optical Characteristics * **Wavelength:** Usually 1310nm (standard for short to medium distances). * **Optical Connector:** SC/APC (angled physical contact) to minimize back-reflection and return loss. #### 3. Protection and Monitoring * **Thermoelectric Cooler (TEC):** Controls the laser temperature to prevent frequency drift. * **Alarm System:** LED indicators for Laser Status, Power, and RF Input levels. --- ### Functional Block Diagram Logic ```mermaid graph LR A[RF Input] --> B[Attenuator/AGC] B --> C[GaAs Amplifier] C --> D[DFB Laser Diode] D --> E[Optical Output] F[MCU Controller] --- D F --- G[LED Display] ``` --- ### Application Usage These units are typically found in **Head-ends** or **Optical Nodes**. They allow providers to send hundreds of television channels and high-speed data over a single strand of fiber, which is then split via optical couplers to serve multiple end-users.
    ✨ Follow-up Questions
    • ⤷What is the difference between 1310nm and 1550nm versions of this transmitter?
    • ⤷ How does the AGC circuit improve signal quality in FTTH networks?
    • ⤷ What are the power consumption requirements for the OT2-4W-R?