OT2-B-R/Q
AI

The **OT2-B-R/Q** typically refers to a high-speed, high-voltage optocoupler (photocoupler) or a specific series of industrial optical sensors. In most electronics contexts, this part is used for signal isolation and high-speed data transmission between high-voltage and low-voltage circuits.
---
### 1. General Specifications
The electronic components within this part are designed to provide electrical isolation through light.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Optoelectronic Isolator |
| **Input Type** | Infrared LED (Gallium Arsenide) |
| **Output Type** | Phototransistor or Logic Gate |
| **Isolation Voltage** | 2,500V to 5,000V RMS |
| **Response Time** | High-speed (microsecond range) |
| **Mounting Style** | SMD (Surface Mount) or Through-hole |
### 2. Internal Electronic Structure
The part consists of three primary stages:
1. **The Transmitter (Input):** An internal Infrared LED. When current flows through the input pins, the LED emits photons proportional to the current.
2. **The Isolation Barrier:** A transparent dielectric material (usually silicone or glass) that allows light to pass through but blocks electrical current, protecting sensitive microcontrollers from high-voltage spikes.
3. **The Receiver (Output):** A light-sensitive semiconductor (photodiode or phototransistor) that converts the received light back into an electrical signal.
### 3. Key Electronic Features
* **High Common-Mode Rejection (CMR):** The "Q" or "R" designations often refer to specific binning or performance grades regarding how well the chip ignores electrical noise.
* **Safety Isolation:** Provides a physical air gap (creepage) to prevent arcing between the primary and secondary circuits.
* **Current Transfer Ratio (CTR):** This defines the efficiency of the part (the ratio of output current to input current).
### 4. Common Applications
* **Switching Power Supplies:** Used in the feedback loop to regulate voltage while keeping the AC side isolated from the DC side.
* **Industrial PLC Interfacing:** Protecting logic controllers from industrial motor noise.
* **Data Communications:** Isolated RS-232 or CAN bus interfaces.
---
- ⤷What is the specific Current Transfer Ratio (CTR) for the R-grade variant?
- ⤷ How does the 'Q' suffix change the electrical characteristics compared to 'R'?
- ⤷ What is the recommended operating temperature range for this component?